Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPDTH03060WAS Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # MPDTH03060WAS
Description  Adjustable Non-isolated 10-Amp POLA DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MPDTH03060WAS Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  MPDTH03060WAS Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MPDTH03060WAS Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MPDTH03060WAS Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MPDTH03060WAS Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MPDTH03060WAS Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MPDTH03060WAS Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MPDTH_60 Series.A07 Page 1 of 6
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MPDTH***60 Series
Adjustable Non-isolated 10-Amp
POLA DC/DC Converters
www.murata-ps.com
 
For full details go to
www.murata-ps.com/rohs
Typical units
FEATURES
„ Compatible to Point-of-Load Alliance (POLA) Specifications
„ Surface-mount or through-hole small footprint package
„ Three user-selectable output voltage ranges covering 0.8V
to 5.5V
„ Outline dimensions less than one square inch
„ 3.3V, 5V and 12 Vdc nominal inputs
„ High efficiency up to 94% typical
„ Tracking input for sequenced startup/shutdown
„ Sense input for load accuracy compensation
„ Outstanding thermal performance and derating
„ -40 to +85 degrees Celsius operating range
„ Extensive self-protection, voltage limits and short circuit
features
„ On/Off control, trim, margin controls and pre-bias start-up
functions
The MPDTH series non-isolated DC/DC power modules are small in size but big
on performance and flexibility. Their high output current, compact footprint and
industry-leading features offer system designers versatile modules for powering
complex multi-processor digital systems. Standard inputs are 3.3V., 5V. or 12
Volts DC nominal.
Two mounting styles are offered, either a pinned through-hole model with
slightly lower height or a surface mount model, both with identical length and
width. Respective models all share the same pinout and comply with the POLA
DC/DC converter standard.
The output voltage is adjustable in three ranges from 0.8 V. to 5.5 V and can
be set with a single external resistor. Margin controls provide a fixed step to
the output voltage either 5% up or down. The series also includes Auto-Track
sequencing, enabling modules to track each other’s output voltage in multi-
powered systems during power-up and power-down.
Other operating features include a remote on/off control and the ability to start
up into an existing (prebias) output voltage. Extensive self-protection features
include input under-voltage lockout (UV), output short circuit protection and
output overcurrent shutdown (OC) using an automatic restart. All models meet
RoHS6 hazardous substance compliance.
DESCRIPTION
External
DC Power
Source
Track Input
F1
C1
Inhibit
On/Off
MPDTH_60
Series
Grounds
Margin
Down
Margin
Up
1
7
910
8
2
3
4
56
Open = On
Closed = Off
D1
+Vin
+Vout
VoAdj (Trim)
VoSense
Figure 1. Connection Diagram
Notes:
1. Murata Power Solutions strongly recommends an external fuse, F1. Fuse rating = 2 x Iin max.
2. Consider using diode D1 to blow the fuse in case of reversed polarity.
3.
C1: 330μF/25V, aluminum electrolytic capacitor, required for MPDTH03060, 05060 models.
C1: 560μF/25V, aluminum electrolytic capacitor, required for MPDTH12060 models.
4. Track input is referred to ground.
5. See trim information for RSet.


Similar Part No. - MPDTH03060WAS

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MPDTH03010WAH MURATA-MPDTH03010WAH Datasheet
151Kb / 6P
Adjustable Non-isolated 12/15-Amp POLA DC/DC Converters
MPDTH03010WAS MURATA-MPDTH03010WAS Datasheet
151Kb / 6P
Adjustable Non-isolated 12/15-Amp POLA DC/DC Converters
MPDTH03050WAH MURATA-MPDTH03050WAH Datasheet
136Kb / 6P
Adjustable Non-isolated 6-Amp
MPDTH03050WAS MURATA-MPDTH03050WAS Datasheet
136Kb / 6P
Adjustable Non-isolated 6-Amp
More results

Similar Description - MPDTH03060WAS

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH03020 ARTESYN-PTH03020 Datasheet
204Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH03030 ARTESYN-PTH03030 Datasheet
206Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH05010 ARTESYN-PTH05010 Datasheet
206Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH05020 ARTESYN-PTH05020 Datasheet
205Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH05030 ARTESYN-PTH05030 Datasheet
206Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH05060 ARTESYN-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH12050 ARTESYN-PTH12050 Datasheet
201Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH03020 EMERSON-NETWORKPOWER-PTH03020 Datasheet
204Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH03030 EMERSON-NETWORKPOWER-PTH03030 Datasheet
206Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
logo
Murata Manufacturing Co...
MPDTH03010WAH MURATA-MPDTH03010WAH Datasheet
151Kb / 6P
Adjustable Non-isolated 12/15-Amp POLA DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com