Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPDTH03060WAS Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # MPDTH03060WAS
Description  Adjustable Non-isolated 10-Amp POLA DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MPDTH03060WAS Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  MPDTH03060WAS Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MPDTH03060WAS Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MPDTH03060WAS Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MPDTH03060WAS Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MPDTH03060WAS Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MPDTH03060WAS Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPDTH_60 Series.A07 Page 2 of 6
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MPDTH***60 Series
Adjustable Non-isolated 10-Amp
POLA DC/DC Converters
SPECIFICATION SUMMARY AND ORDERING GUIDE
c
Output
Input (9)
Vout
Iout (Amps, Power
Ripple&Noise
Regulation
Vin nom.
Range
Efficiency
Package
Model Number
(Volts)
max.)
(Watts)
(mV pk-pk)
Line
Load
(Volts)
(Volts)
(%)
Case(inches)
Case(mm)
Type(2)
MPDTH03060WAH
0.8-2.5
10
25
25(6)
±1.25% ±1.5%
3.3
3-3.6
93(3)
0.995x0.62x0.35
25.27x15.75x9.0
TH
MPDTH03060WAS
0.8-2.5
10
25
25(6)
±1.25% ±1.5%
3.3
3-3.6
93(3)
0.995x0.62x0.38
25.27x15.75x9.57
SM
MPDTH05060WAH
0.8-3.6
10
36
25(7)
±1.25% ±1.5%
5.0
4.5-5.5
94(4)
0.995x0.62x0.35
25.27x15.75x9.0
TH
MPDTH05060WAS
0.8-3.6
10
36
25(7)
±1.25% ±1.5%
5.0
4.5-5.5
94(4)
0.995x0.62x0.38
25.27x15.75x9.57
SM
MPDTH12060WAH
1.2-5.5
10
55
33(8)
±1.25% ±1.5%
12.0
10.8-13.2
94(5)
0.995x0.62x0.35
25.27x15.75x9.0
TH
MPDTH12060WAS
1.2-5.5
10
55
33(8)
±1.25% ±1.5%
12.0
10.8-13.2
94(5)
0.995x0.62x0.38
25.27x15.75x9.57
SM
Input
Input Voltage Range
See Ordering Guide
Start-Up Voltage
2.45 Volts (MPDTH03060)
4.3 Volts (MPDTH05060)
9.5 Volts (MPDTH12060)
Undervoltage Shutdown
2.4 Volts (MPDTH03060)
3.7 Volts (MPDTH05060)
9.0 Volts (MPDTH12060)
External Input Capacitor
(See note 3)
330 μF, required (MPDTH03060 and
MPDTH05060)
560 μF required (MPDTH12060)
Remote On/Off Inhibit Control
Positive Logic
Current
OFF = -0.2V to +0.5 V max. or ground pin
ON = open pin (internal pullup)
-130 μA [5]
Tracking Input
Current when grounded
Slew rate
Tracking Input Range
-130 μA
1 Volt per mSec max.
-0.3V to (+Vin + 0.3V)
Margin Controls
-5% or +5% adjustment of Vout when the
respective margin control is grounded. Current,
-8 μA sink.
Output
Minimum Loading
No minimum load
Nominal Accuracy
±2 % max. of Vsetting
Voltage Adjustment Range
See Ordering Guide
Temperature Coefficient
±40 ppm. per °C. of Vout
Ripple/Noise
See Ordering Guide
Line/Load Regulation
See Ordering Guide
Efficiency
See Ordering Guide
Maximum Capacitive Loading
Cap-ESR>=0.004 Ohms
Cap-ESR <0.004 Ohms
5,500 μF non-ceramic [2]
300 μF ceramic
Current Limit Inception
20 Amps
Short Circuit Mode
Protection Method
Short Circuit Duration
Autorecovery after overload removal
Continuous, no damage (output shorted to
ground)
Sequencing
Start-up of multiple units may be synchronized
by connecting tracking pins.
VoSense Input
Connect Sense to Vout remotely at the load for
optimal accuracy. If not used at the load, con-
nect VoSense to Vout at the converter.
Dynamic Characteristics
Dynamic Load Response
70 μSec to within ±2% of final value (50 to
100% load step, 1A/
μSec load step, 330 μF
external output cap)
Switching Frequency
300 KHz (MPDTH03060 and MPDTH05060)
350 KHz (MPDTH12060)
Environmental
Calculated MTBF [4]
6 million hours,min. (MPDTH03060 and
MPDTH03060)
5.9 million hours,min. (MPDTH12060)
Operating Temperature Range
-40 to +85 deg.C.
Storage Temperature Range
-40 to +125 deg.C.
MPDTH**060 Series Performance and Functional Specifications
All specifications are typical unless noted.
Notes:
c All specifications are typical at nominal input line voltage, nominal output voltage and full load,
Ta=+25 deg.C. unless otherwise noted. See detailed specifications.
d "TH" is a pinned through-hole package. "SM" is a surface mount package.
e Vin=3.3V, Vout=2.5V, Iout=7A
f Vin=5V, Vout=3.3V, Iout=7A
g Vin=12V, Vout=5V, Iout=8A
h Vin=3.3V, Vout=2V, Iout=10A
i Vin=5V, Vout=3.3V, Iout=10A
j Vin=12V, Vout=3.3V, Iout=10A
k The minimum input voltage is +2.95V. Or (Vout + 0.65V.), whichever is greater.
l RoHS6 compliance does not claim EU RoHS exemption 7b (lead in solder).
Specification Notes:
(1) All specifications are typical unless noted. General conditions for Specifications are +25 deg.C
ambient, Vin=nominal, Vout=+2.5V, full load. Cin=100
μF, Cout= 0 μF. Adequate airflow must be
supplied for extended testing under power. For model MPDTH12060, the required input capaci-
tor is 560
μF. See note 3.
(2) An external output capacitor is not required. However, a 330
μF output capacitor improves
transient response.
(3) The required input capacitor must have a ripple current rating of 500 mA RMS or greater for
models MPDTH03060 and MPDTH05060. For model MPDTH12060, the ripple rating must be
1050 mA RMS or greater.
(4) Mean Time Before Failure is calculated using the Telcordia (Belcore) TR-332 50% stress, ground
benign conditions, Tambient=+40 deg.C.
(5) Track input is grounded or equal to Vin.
(6) There is no input protection against overvoltage or reversed polarity. Please provide proper
fusing and a back-biased diode if there is the possibility of improper polarity. Refer to the Con-
nection Diagram.
(7) The outputs are not intended to sink appreciable reverse current.
(8) Output current limit and short circuit protection is non-latching. When the overcurrent fault is
removed, the converter will immediately recover.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com