Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPDTH03060WAS Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # MPDTH03060WAS
Description  Adjustable Non-isolated 10-Amp POLA DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MPDTH03060WAS Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  MPDTH03060WAS Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MPDTH03060WAS Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MPDTH03060WAS Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MPDTH03060WAS Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MPDTH03060WAS Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MPDTH03060WAS Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MPDTH_60 Series.A07 Page 3 of 6
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MPDTH***60 Series
Adjustable Non-isolated 10-Amp
POLA DC/DC Converters
MAXIMUM SAFE OPERATING AREA (DERATING)
MECHANICAL SPECIFICATIONS
Surface Mount Models MPDTH_WAS
MPDTH03060
Vout = 2.5V
Units soldered to a 4" x 4" 4-layer PCB
with 1 oz. copper.
Vout = 3.3V
Vout = 5.0V
MPDTH05060
MPDTH12060
Through-hole Pins Models MPDTH_WAH
Third Angle Projection
Dimensions are in mm.
Components are shown for reference only.
Tolerances (unless otherwise specified):
.XX ± 0.02 (0.5)
.XXX ± 0.010 (0.25)
Angles ± 2˚
PIN NUMBER AND FUNCTION
Pin
Function
Pin
Function
1
Ground
6
Output (Vout)
2
Input (Vin)
7
Ground
3
Inhibit remote On/Off control
8
Track Input
4
Vout Adjust (trim)
9
Margin Down Input
5
Vout Sense
10
Margin Up Input
20
30
40
50
60
70
80
90
Iout - Amps
024
68
10
Natural Convection
100 LFM
200 LFM
400 LFM
20
30
40
50
60
70
80
90
Iout - Amps
024
68
10
Natural Convection
100 LFM
200 & 400 LFM
20
30
40
50
60
70
80
90
Iout - Amps
024
68
10
Natural Convection
100 LFM
200 LFM
400 LFM
3.55
1.02
5 Places
9.00
MAX.
SIDE VIEW
Host Board
6.35
TOP VIEW
1.52
7
6
9.52
3.18
3.18
25.27
1
2
3
4
5
1.52
10
9
8
Solder Ball
1.02
10 Places
SIDE VIEW
9.57
MAX.
6.35
TOP VIEW
1.52
7
6
9.52
3.18
3.18
25.27
1
10
9
8
2
3
4
5
1.52
Dimensions are in millimeters.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com