Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR102B150CS-2C Datasheet(PDF) 2 Page - C&D Technologies

Part # VR102B150CS-2C
Description  DC/DC Converter Programmable, Single Output, 0.8375V - 1.600Vout @ 150A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

VR102B150CS-2C Datasheet(HTML) 2 Page - C&D Technologies

  VR102B150CS-2C Datasheet HTML 1Page - C&D Technologies VR102B150CS-2C Datasheet HTML 2Page - C&D Technologies VR102B150CS-2C Datasheet HTML 3Page - C&D Technologies VR102B150CS-2C Datasheet HTML 4Page - C&D Technologies VR102B150CS-2C Datasheet HTML 5Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DC/DC Converter
Programmable, Single Output, 1.1V - 1.85Vout @ 60A
DC/DC Converter
Programmable, Single Output, 0.8375V - 1.600Vout @ 150A
4118 14th Avenue, Unit 4
4607 S.E. International Way
Markham, Ontario L3R 0J3
Milwaukie, Oregon 97222
1-905-944-2850
www.cd4power.com
1-971-206-2800
VR102B150CS-2C_084-20921-01C_RevB_Mar16-2006.fm
2 of 5
Notes:
1.
Vin = 12Vdc, Ta = 25°C, Airflow = 400LFM unless otherwise noted.
2.
Output Ripple Voltage is specified when measured with Intel specified capacitance at the output of the converter.
3.
Transient response is specified with Intel specified capacitors at the output of the converter.
4.
If remote sense is not required or used, the Sense(+) and Sense(-) pins must be connected to Vo(+) and Vo(-) respectively.
5.
VRM_PRES and VRM_ID are connected to Vss on the VRM.
Table 3:
Protection Characteristics
Notes and Conditions (1)
Min
Typ
Max
Units
Output Overcurrent Shutdown
Latching
155
205
A
Overvoltage Shutdown
Above VID
90
200
mV
Overtemperature Indicator
Non-Latching, at hot spots
Worst case junction temperature
135
°C
Load Indicator
VID = 1.325, 0 A Load
VID = 1.325, 100 A Load
VID = 1.325, 150A Load
0
2
3
V
Table 4:
General Characteristics
Notes and Conditions (1)
Min
Typ
Max
Units
Storage Temperature Range
Non-condensing
-40
70
°C
Operating Temperature Range
0
60
°C
Semiconductor Junction Temperature
Package rated to 150°C
110
°C
Material Flammability
UL 94V-0
MTBF
Calculated (RAC PRISM) @ 45°C
1.22
x106 Hrs
Switching Frequency
Per phase
300
KHz
Dimensions
3.8”L x 2.5”H x 0.870”W
Weight
103
g



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com