Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR102B150CS-2C Datasheet(PDF) 5 Page - C&D Technologies

Part # VR102B150CS-2C
Description  DC/DC Converter Programmable, Single Output, 0.8375V - 1.600Vout @ 150A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

VR102B150CS-2C Datasheet(HTML) 5 Page - C&D Technologies

  VR102B150CS-2C Datasheet HTML 1Page - C&D Technologies VR102B150CS-2C Datasheet HTML 2Page - C&D Technologies VR102B150CS-2C Datasheet HTML 3Page - C&D Technologies VR102B150CS-2C Datasheet HTML 4Page - C&D Technologies VR102B150CS-2C Datasheet HTML 5Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DC/DC Converter
Programmable, Single Output, 1.1V - 1.85Vout @ 60A
DC/DC Converter
Programmable, Single Output, 0.8375V - 1.600Vout @ 150A
4118 14th Avenue, Unit 4
4607 S.E. International Way
Markham, Ontario L3R 0J3
Milwaukie, Oregon 97222
1-905-944-2850
www.cd4power.com
1-971-206-2800
VR102B150CS-2C_084-20921-01C_RevB_Mar16-2006.fm
5 of 5
C&D Technologies, Inc. reserves the right to alter or improve the specification, internal design or manufacturing process at any time, without notice.
Please check with your supplier or visit our website to ensure that you have the current and complete specification for your product before use.
© C&D Technologies, Inc. 2004
No part of this publication may be copied, transmitted, or stored in a retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior written permission from C&D Technologies, Inc.
Instructions for use are available from: www.cd4power.com
Ordering Information
RoHS Compliancy
The VR102B150CS-2C is in compliance with the European Union Directive 2002/95/EC (RoHS) with
respect to the following substances: lead (Pb), cadmium (Cd), mercury (Hg), hexavalent chromium,
polybrominated biphenyls (PBB) or polybrominated diphenyl ethers (PBDE).
RoHS Process Note
This product is not intended to go through a reflow solder process. See recommended interface connector
options.
VR102B150CS-2C
Family Name
VRM Spec
102 = 10.2
Input Voltage
B = 12Vin
Form Factor
S = Standard Height
Mounting Type
C = Card-edge
Peak Current
150 = 150A
C = RoHS Compliant (Option)
Version



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com