Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR102B150CS-2C Datasheet(PDF) 4 Page - C&D Technologies

Part # VR102B150CS-2C
Description  DC/DC Converter Programmable, Single Output, 0.8375V - 1.600Vout @ 150A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

VR102B150CS-2C Datasheet(HTML) 4 Page - C&D Technologies

  VR102B150CS-2C Datasheet HTML 1Page - C&D Technologies VR102B150CS-2C Datasheet HTML 2Page - C&D Technologies VR102B150CS-2C Datasheet HTML 3Page - C&D Technologies VR102B150CS-2C Datasheet HTML 4Page - C&D Technologies VR102B150CS-2C Datasheet HTML 5Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DC/DC Converter
Programmable, Single Output, 1.1V - 1.85Vout @ 60A
DC/DC Converter
Programmable, Single Output, 0.8375V - 1.600Vout @ 150A
4118 14th Avenue, Unit 4
4607 S.E. International Way
Markham, Ontario L3R 0J3
Milwaukie, Oregon 97222
1-905-944-2850
www.cd4power.com
1-971-206-2800
VR102B150CS-2C_084-20921-01C_RevB_Mar16-2006.fm
4 of 5
Pin Assignment
Figure 2
Derating Curves
VRM_Pres
N/C
(5)
(5)
VRM ID
1.00
20921 Thermal Derating
100
105
110
115
120
125
130
135
140
145
150
30
35
40
45
50
55
60
Ambient Temperature (C)
500 LFM
400 LFM
300 LFM
200 LFM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com