Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS146 Datasheet(PDF) 5 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS146
Description  12-Bit, 200ksps, 8-Channel, Serial Output ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS146 Datasheet(HTML) 5 Page - Zentrum Mikroelektronik Dresden AG

  ZADCS146 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Datasheet
ZADCS146 / ZADCS147
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
5/19
1.3
Electrical Characteristics
1.3.1 General Parameters
(VDD = +2.7V to + 5.25V; fSCLK = 3.2MHz (50% duty cycle); 16 clocks/conversion cycle (200 ksps); VREF = 2.500V applied to VREF pin;
qOP = qOPmin … qOPmax)
Parameter
Symbol Conditions
Min
Typ
Max
Unit
DC Accuracy
Resolution
12
Bits
Relative Accuracy
ZADCS146 / ZADCS147
± 1.0 LSB
No Missing Codes
NMC
12
Bits
Differential Nonlinearity
ZADCS146 / ZADCS147
± 1.0 LSB
Offset Error
± 0.5
± 3.0 LSB
Gain Error
± 0.5
± 4.0 LSB
Gain Temperature Coefficient
± 0.25
ppm/°C
Dynamic Specifications (10kHz sine-wave input, 0V to 2.500Vpp, 200ksps, 3.2MHz external clock)
Signal-to-Noise + Distortion Ratio
SINAD
68
73
dB
Total Harmonic Distortion
THD
Up to the 5
th harmonic
-88
-75
dB
Spurious-Free Dynamic Range
SFDR
74
80
dB
Small-Signal Bandwidth
-3dB roll off
3.8
MHz
Conversion Rate
Sampling Time
(= Track/Hold Acquisition Time)
tACQ
Ext. Clock = 3.2MHz, 2.5 clocks/ acquisi-
tion
0.781
µs
Ext. Clock = 3.2MHz, 12 clocks/ conver-
sion
3.75
µs
Conversion Time
tCONV
Int. Clock = 3.2MHz +/- 12% tolerance
3.30
4.20
µs
Aperture Delay
30
ns
Aperture Jitter
< 50
ps
External Clock Frequency
0.1
3.2
MHz
Internal Clock Frequency
2.81
3.2
3.58
MHz
Analog Inputs
Unipolar, COM = 0V
0 to VREF
Input Voltage Range, Single-
Ended and Differential
Bipolar, COM = VREF/2
± VREF / 2
V
Input Capacitance
16
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com