Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS146 Datasheet(PDF) 7 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS146
Description  12-Bit, 200ksps, 8-Channel, Serial Output ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS146 Datasheet(HTML) 7 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZADCS146 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Datasheet
ZADCS146 / ZADCS147
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
7/19
1.3.3 ZADCS147 Specific Parameters
(VDD = +2.7V to + 5.25V; fSCLK = 3.2MHz (50% duty cycle); 16 clocks/conversion cycle (200 ksps); qOP = qOPmin … qOPmax)
Parameter
Symbol Conditions
Min
Typ
Max
Unit
External Reference at VREF
VREF Input Voltage Range
1.0
VDD +
50mV
V
VREF Input Current
VREF = 2.5V
180
215
µA
VREF Input Resistance
11.5
14
k
W
Shutdown VREF Input Current
0.1
µA
Capacitive Bypass at VREF
4.7
µF
Power Requirements
Positive Supply Voltage
VDD
2.7
5.25
V
Operating Mode
0.85
1.0
Positive Supply Current
IDD
VDD = 3.6V
Full Power-Down
0.5
4.0
µA
Operating Mode
1.00
1.3
Positive Supply Current
IDD
VDD
=
5.25V
Full Power-Down
0.5
4.0
µA
1.3.4 ZADCS146 / ZADCS147 Digital Pin Parameters
(VDD = +2.7V to + 5.25V; fSCLK = 3.2MHz (50% duty cycle); 16 clocks/conversion cycle (200 ksps); qOP = qOPmin … qOPmax)
Parameter
Symbol Conditions
Min
Typ
Max
Unit
Digital Inputs (DIN, SCLK, CS, nSHDN)
VDD = 2.7V
1.9
V
Logic High Level
VIH
VDD = 5.25V
3.3
V
VDD = 2.7V
0.7
V
Logic Low Level
VIL
VDD = 5.25V
1.4
V
Hysteresis
VHyst
0.7
V
Input Leakage
IIN
VIN = 0V or VDD
± 0.1
± 1.0
µA
Input Low Leakage @ nSHDN
IIN_nSHDN
VIN = 0V
- 5.0
µA
Input Capacitance
CIN
5
pF
Digital Outptus (DOUT, SSTRB)
VDD = 2.7V
3.5
8.5
mA
Output High Current
IOH
VOH= VDD – 0.5V
VDD = 5.25V
5.5
10.8
mA
VDD = 2.7V
4
11.5
mA
Output Low Current
IOL
VOL= 0.4V
VDD = 5.25V
6.4
15.3
mA
Three-State Leakage Current
ILeak
nCS = VDD
± 0.1
± 1.0
µA
Three-State Output Capacitance
COUT
nCS = VDD
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com