Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS146 Datasheet(PDF) 16 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS146
Description  12-Bit, 200ksps, 8-Channel, Serial Output ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS146 Datasheet(HTML) 16 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZADCS146 Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 17Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 18Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 19Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Datasheet
ZADCS146 / ZADCS147
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
16/19
2.5
Power Dissipation
ZADCS146 and ZADCS147 offer three different ways to
save operating current between conversions. Two differ-
ent software controlled power down modes can be acti-
vated to automatically shut-down the device after comple-
tion of a conversion. They differ in the amount of circuitry
that is powered down.
Software Power Down
Full Power Down Mode shuts down the entire analog part
of the IC, reducing the static IDD of the device to less
than 0.5µA if no external clock is provided at SCLK.
Fast Power Down mode is only useful with ZADCS146 if
the internal voltage reference is used. During Fast Power-
Down the bandgap and the VREFADJ output buffer are
kept alive while all other internal analog circuitry is shut
down. The benefit of Fast Power Down mode is a shorter
turn on time of the reference compared to Full Power
Down Mode. This is basically due to the fact that the low
pass which is formed at the VREFADJ output by the
internal 20kΩ resistor and the external buffer capacitor of
47nF is not discharged in Fast Power Down Mode.
The settling time of the low pass at VREFADJ is about
9 ms to reach 12 bit accuracy. The Fast Power Down
mode omits this settling and reduces the turn on time to
about 200µs.
To wake up the IC out of either software power down
mode, it is sufficient to send a Start Bit while nCS is
LOW. Since micro controllers can commonly transfer full
bytes per transaction only, a dummy conversion is usually
carried out to wake the device.
In all application cases where an external reference volt-
age is supplied (ZADCS147 and ZADCS146 with VRE-
FADJ tied to VDD) there is no turn on time to be consid-
ered. The first conversion is already valid. Fast Power-
Down and Full Power-Down Mode do not show any dif-
ference in this configuration.
Hardware Power Down
The third power down mode is called Hardware Power-
Down. It is initiated by pulling the nSHDN pin LOW. If this
condition is true, the device will immediately shut down all
circuitry just as in Full Power Down-Mode.
The IC wakes up if nSHDN is tied HIGH. There is no
internal pull-up that would allow nSHDN to float during
normal operation. This ensures the lowest possible power
consumption in power down mode.
General Power Considerations
Even without activating any power down mode,
ZADCS146 and ZADCS147 reduce their power consump-
tion between conversions automatically. The comparator,
which contributes a considerable amount to the overall
current consumption of the device is shut off as soon as a
conversion is ended. It gets turned on at the start of the
next acquisition period. This explains the difference be-
tween the IDDstatic and IDDactive measurements shown
in chapter 1.4 Typical Operating Characteristics.
The average current consumption of the device depends
very much on the sampling frequency and the type of
protocol used to communicate with the device.
In order to achieve the lowest power consumption at low
sampling frequencies, it is suggested to keep the conver-
sion clock frequency at the maximum level of 3.2MHz and
to power down the device between consecutive conver-
sions. Figure 16 shows the characteristic current con-
sumption of ZADCS146 and ZADCS147 with external
reference supply versus Sampling Rate
3 Layout
To achieve optimum conversion performance care must
be taken in design and layout of the application board. It
is highly recommended to use printed circuit boards in-
stead of wire wrap designs and to establish a single point
star connection ground system towards AGND (see
Figure 17).
01 … 111
01 … 110
10 … 000
10 … 001
00 … 000
+FS
-FS
Input Voltage (LSB)
+FS-3/2 LSB
ZS = V(IN-)
+ FS = ½VREF +V(IN-)
1LSB =
VREF
4096
Output Code
00 … 001
00 … 011
11 … 111
11 … 110
11 … 101
ZS
- FS = -½VREF +V(IN-)
Figure 15: Bipolar Transfer Function
Figure 14: Unipolar Transfer Function
11 … 111
11 … 110
11 … 101
00 … 000
00 … 001
00 … 010
1 2 3
FS
0
Input Voltage (LSB)
FS-3/2 LSB
ZS = V(IN-)
FS = VREF +V(IN-)
1LSB =
VREF
4096
(ZS)
Output Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com