Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS147 Datasheet(PDF) 17 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS147
Description  12-Bit, 200ksps, 8-Channel, Serial Output ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS147 Datasheet(HTML) 17 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZADCS147 Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 17Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 18Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 19Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Datasheet
ZADCS146 / ZADCS147
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
17/19
For optimal noise performance the star point should be
located very close to the AGND pin of the converter. The
ground return to the power supply should be as short as
possible and low impedance.
All other analog ground points of external circuitry that is
related to the A/D converter as well as the DGND pin of
the device should be connected to this ground point too.
Any other digital ground system should be kept apart as
far as possible and connect on the power supply point
only.
Analog and digital signal domains should also be sepa-
rated as well as possible and analog input signals should
be shielded by AGND ground planes from electromag-
netic interferences. Four-layer PCB boards that allow
smaller vertical distances between the ground plane and
the shielded signals do generally show a better perform-
ance than two-layer boards.
The sampling phase is the most critical portion of the
overall conversion timing for signal distortion. If possible,
the switching of any high power devices or nearby digital
logic should be avoided during the sampling phase of the
converter.
The fully differential internal architecture of ZADCS146
and ZADCS147 ensures very good suppression of power
supply noise.
Nevertheless, the SAR architecture is
generally sensitive to glitches or sudden changes of the
power supply that occur shortly before the latching of the
comparator output. It is therefore recommended to by-
pass the power supply connection very close to the de-
vice with capacitors of 0.1µF (ceramic) and >1µF (electro-
lytic).
In case of a noisy supply, an additional series resistor of
5 to 10 ohms can be used to low-pass filter the supply
voltage.
The reference voltage should always be bypassed with
capacitors of 0.1µF (ceramic) and ≥ 4.7µF (electrolytic) as
close as possible to the VREF pin. If VREF is provided by
an external source, any series resistance in the VREF
supply path can cause a gain error of the converter. Dur-
ing conversion, a DC current of about 100µA is drawn
through the VREF pin that could cause a noticeable volt-
age drop across the resistance.
Current consumption vs. Sample Rate
External Clock Mode, External VREF, fSCLK = 3.2MHz
1
10
100
1000
1
10
100
1000
Sample Rate (ksps)
COM
DGND
VDD
AGND
DGND
DVDD
VDD1
(+2.7 … +5.25V)
VDD2
GND
ZADCS146
ZADCS147
Other
Digital
Circuitry
Optional
R = 10Ω
Figure 17: Optimal Power-Supply Grounding System
Figure 16: Average Supply Current versus Sampling
Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com