Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS147 Datasheet(PDF) 10 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS147
Description  12-Bit, 200ksps, 8-Channel, Serial Output ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS147 Datasheet(HTML) 10 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZADCS147 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Datasheet
ZADCS146 / ZADCS147
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
10/19
CH0
1
CH1
2
CH2
3
CH3
4
CH4
5
CH5
6
CH6
7
CH7
8
COM
9
nSHDN
10
VDD 20
SCLK 19
nCS 18
DIN 17
SSTRB 16
DOUT 15
DGND 14
AGND 13
VREFADJ 12
VREF 11
ZADCS146
47nF
≥ 4.7µF
SCK
I/O
MOSI
MISO
0.1µF
10µF
µC
Single-ended or differential
analog inputs, 0V … +2.5V
+2.7V to 5.25V
Figure 2: Basic application schematic for ZADCS146
CH0
1
CH1
2
CH2
3
CH3
4
CH4
5
CH5
6
CH6
7
CH7
8
COM
9
nSHDN
10
VDD 20
SCLK 19
nCS 18
DIN 17
SSTRB 16
DOUT 15
DGND 14
AGND 13
n.c. 12
VREF 11
ZADCS147
≥ 4.7µF
SCK
I/O
MOSI
MISO
0.1µF
10µF
µC
Single-ended or differential
analog inputs, 0V … +2.5V
+2.7V to 5.25V
Table 3: Channel selection in Single Ended Mode
(SGL/DIF = HIGH)
A2 A1 A0 CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 COM
0
0
0
IN+
IN-
1
0
0
IN+
IN-
0
0
1
IN+
IN-
1
0
1
IN+
IN-
0
1
0
IN+
IN-
1
1
0
IN+
IN-
0
1
1
IN+
IN-
1
1
1
IN+
IN-
Table 4: Channel selection in Differential Mode
(SGL/DIF = LOW)
A2 A1 A0 CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7
0
0
0
IN+
IN-
0
0
1
IN+
IN-
0
1
0
IN+
IN-
0
1
1
IN+
IN-
1
0
0
IN-
IN+
1
0
1
IN-
IN+
1
1
0
IN-
IN+
1
1
1
IN-
IN+
2 DETAILED DESCRIPTION
2.1
General Operation
The ZADCS146 / ZADCS147 are classic successive
approximation register (SAR) type converters. The archi-
tecture is based on a capacitive charge redistribution
DAC merged with a resistor string DAC building a hybrid
converter with excellent monotonicity and DNL properties.
The Sample & Hold function is inherent to the capacitive
DAC. This avoids additional active components in the
signal path that could distort the input signal or introduce
errors.
Both devices ZADCS146 / ZADCS147 build on the same
converter core and differ only in the availability of an
internal reference voltage generator. ZADCS146 is
equipped with a highly accurate internal 1.25V bandgap
reference which is available at the VREFADJ pin. The
bandgap voltage is further amplified by an internal buffer
amplifier to 2.50V that is available at pin VREF.
ZADCS147 comes without the internal reference and the
internal buffer amplifier. It requires an external reference
supplied at VREF, with the benefit of considerably lower
power consumption.
A basic application schematic of ZADC146 is shown in
Figure 2, for ZADC147 in Figure 3. ZADCS146 can also
be operated with an external reference, if VREFADJ is
tied to VDD.
2.2
Analog Input
The analog input to the converter is fully differential. Both
converter input signals IN+ and IN– (see Functional Block
diagram at front page) get sampled during the acquisition
period enabling the converter to be used in fully differen-
tial applications where both signals can vary over time.
The ZADCS146 / ZADCS147 converters do not require
that the negative input signal be kept constant within
± 0.5LSB during the entire conversion as is commonly
required by converters featuring pseudo differential op-
eration only.
The input signals can be applied single ended, refer-
enced to the COM pin, or differential, using four pairs of
the eight input channels. The desired configuration is
selectable for every conversion via the Control-Byte re-
ceived on DIN pin of the digital interface (see further
description below)
A block diagram of the input multiplexer is shown in
Figure 4. Table 3 and Table 4 show the relationship of the
Control-Byte bits A2, A1, A0 and SGL/DIF to the configu-
ration of the analog multiplexer.
Both input signals IN+ and IN– are generally allowed to
swing between –0.2V and VDD+0.2V. However, depend-
ing on the selected conversion mode – uniploar or bipo-
lar – certain input voltage relations can limit the output
code range of the converter.
In unipolar mode the voltage at IN+ must exceed the
Figure 3: Basic application schematic for ZADCS147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com