Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS147 Datasheet(PDF) 6 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS147
Description  12-Bit, 200ksps, 8-Channel, Serial Output ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS147 Datasheet(HTML) 6 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZADCS147 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Datasheet
ZADCS146 / ZADCS147
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
6/19
1.3.2 ZADCS146 Specific Parameters
(VDD = +2.7V to + 5.25V; fSCLK = 3.2MHz (50% duty cycle); 16 clocks/conversion cycle (200 ksps); qOP = qOPmin … qOPmax)
Parameter
Symbol Conditions
Min
Typ
Max
Unit
Internal Reference at VREF
VREF Output Voltage
TA = + 25°C
2.480
2.500
2.520 V
VREF Short-Circuit Current
30
mA
VREF Temperature Coefficient
± 30
± 50
ppm/°C
Load Regulation
0 to 0.2mA output load
0.35
mV
Capacitive Bypass at VREF
4.7
µF
Capacitive Bypass at REFADJ
0.047
µF
REFADJ Adjustment Range
± 1.5
%
External Reference at VREF (internal buffer disabled by V(REFADJ) = VDD)
VREF Input Voltage Range
1.0
VDD +
50mV
V
VREF Input Current
VREF = 2.5V
180
215
µA
VREF Input Resistance
11.5
14
k
W
Shutdown VREF Input Current
0.1
µA
REFADJ Buffer Disable Threshold
VDD-
0.5
V
External Reference at VREF_ADJ
Reference Buffer Gain
2.00
VREF_ADJ Input Current
±80
µA
Full Power Down
VREFADJ Input Current
Full Power-Down mode
0.1
µA
Power Requirements
Positive Supply Voltage
VDD
2.7
5.25
V
Operating Mode ext. VREF
0.85
1.0
mA
Operating Mode int. VREF
1.3
1.4
mA
Fast Power-Down int. VREF
250
300
Positive Supply Current
IDD
VDD=3.6V
Full Power-Down
0.5
4.0
µA
Operating Mode ext. VREF
1.00
1.3
mA
Operating Mode int. VREF
1.40
1.6
mA
Fast Power-Down
250
300
Positive Supply Current
IDD
VDD=5.25V
Full Power-Down
0.5
4.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com