Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS0822 Datasheet(PDF) 7 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS0822
Description  8-Bit, 300ksps, Serial Output ADC Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS0822 Datasheet(HTML) 7 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZADCS0822 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Datasheet
ZADCS0882/0842/0822 Family
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
7/20
1.5
Electrical Characteristics
1.5.1 General Parameters
(VDD = +2.7V to + 5.25V; fSCLK = 3.3MHz (50% duty cycle); 11 clocks/conversion cycle (300 ksps); VREF = 2.500V applied to VREF pin;
qOP = qOPmin … qOPmax)
Parameter
Symbol Conditions
Min
Typ
Max
Unit
DC Accuracy
Resolution
8
Bits
Relative Accuracy
INL
ZADCS0882 / ZADCS0882V
ZADCS0842 / ZADCS0842V
ZADCS0822 / ZADCS0822V
± 0.25 LSB
No Missing Codes
NMC
8
Bits
Differential Nonlinearity
DNL
ZADCS0882 / ZADCS0882V
ZADCS0842 / ZADCS0842V
ZADCS0822 / ZADCS0822V
± 0.25 LSB
Offset Error
± 0.25
± 1.0 LSB
Gain Error
± 0.25
± 1.0 LSB
Gain Temperature Coefficient
± 0.25
ppm/°C
Dynamic Specifications (10kHz sine-wave input, 0V to 2.500Vpp, 300ksps, 3.3MHz external clock)
Signal-to-Noise + Distortion Ratio
SINAD
49
dB
Total Harmonic Distortion
THD
Up to the 5
th harmonic
-66
dB
Spurious-Free Dynamic Range
SFDR
64
dB
Small-Signal Bandwidth
-3dB roll off
3.8
MHz
Conversion Rate
Sampling Time
(= Track/Hold Acquisition Time)
tACQ
Ext. Clock = 3.3MHz, 2.5 clocks/ acquisi-
tion
0.758
µs
Ext. Clock = 3.3MHz, 8 clocks/ conver-
sion
2.43
µs
Conversion Time
tCONV
Int. Clock = 3.3MHz +/- 12% tolerance
2.20
2.80
µs
Aperture Delay
30
ns
Aperture Jitter
< 50
ps
External Clock Frequency
0.1
3.3
MHz
Internal Clock Frequency
2.81
3.3
3.58
MHz
Analog Inputs
Unipolar, COM = 0V
0 to VREF
Input Voltage Range, Single-
Ended and Differential
Bipolar, COM = VREF/2
± VREF / 2
V
Input Capacitance
16
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com