Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS0822 Datasheet(PDF) 14 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS0822
Description  8-Bit, 300ksps, Serial Output ADC Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS0822 Datasheet(HTML) 14 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZADCS0822 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 17Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 18Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Datasheet
ZADCS0882/0842/0822 Family
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
14/20
Figure 11: 24-Clock External Clock Mode Timing (SPI™, QSPI™ and MICROWIRE™ compatible, fSCLK ≤ 3.3MHz)
Figure 12: Internal Clock Mode Timing with interleaved Control Byte transmission
Table 7: Control Byte Format
BIT
Name
Description
7 (MSB)
START
The Start Bit is defined by the first logic ‘1’ after nCS goes low.
6
5
4
A2
A1
A0
Channel Select Bits. Along with SGL/DIF these bits control the setting of the input multi-
plexer. For further details on the decoding see also Table 5 and Table 6.
3
UNI/BIP
Output Code Select Bit. The value of the bit determines conversion mode and output code
format.
‘1’ = unipolar - straight binary coding
‘0’ = bipolar - two’s complement coding
2
SGL/DIF
Single-Ended / Differential Select Bit. Along with the Channel Select Bits A2 .. A0 this bit
controls the setting of the input multiplexer
‘1’ = single ended - all channels CH0 … CH7 measured referenced to COM
‘0’ = differential - the voltage between two channels is measured
1
0 (LSB)
PD1
PD0
Power Down and Clock Mode Select Bits
PD1
PD0
Mode
0
0
Full Power-Down
0
1
Fast Power-Down
1
0
Internal clock mode
1
1
External clock mode
S
A2 A1 A0 UNI/
BIP
SGL/
DIF PD1 PD0
B7 B6 B5
Zero filled
Acquire
Idle
Conversion
(MSB)
(LSB)
1
8
(Start)
nCS
SCLK
DIN
SSTRB
DOUT
B1
B0
B4 B3 B2
1
8
1
8
S
A2 A1 A0 UNI/
BIP
SGL/
DIF PD1 PD0
Acquire
Result Output
tCONV
S
A2 A1 A0 UNI/
BIP
SGL/
DIF PD1 PD0
B7 B6 B5 B4 B3 B2 B1
B0
Zero filled
tACQ
Acquire
Idle
Conversion
Idle
(MSB)
(LSB)
1
8
1
8
1
8
(Start)
nCS
SCLK
DIN
SSTRB
DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com