Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS0822 Datasheet(PDF) 12 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS0822
Description  8-Bit, 300ksps, Serial Output ADC Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS0822 Datasheet(HTML) 12 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZADCS0822 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Datasheet
ZADCS0882/0842/0822 Family
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
12/20
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
IN-
IN+
Converter
SGL/DIF = HIGH
See Table 5 & Table 6
for Coding Schemes
Shown configuration
A2 … A0 = 0x000
In unipolar mode the voltage at IN+ must exceed the
voltage at IN– to obtain codes unequal to 0x00. The entire
8 bit transfer characteristic is then covered by IN+ if IN+
ranges from IN– to (IN– +Vref). Any voltage on IN+ > (IN–
+ Vref) results in code 0xFF. Code 0xFF is not reached,
if (IN– +Vref) > VDD + 0.2V because the input voltage is
clamped at VDD + 0.2V by ESD protection devices.
The voltage at IN– can range from -0.2V … ½ VREF with-
out limiting the Code Range, assuming the fore men-
tioned VDD condition is true. See also Figure 8 for input
voltage ranges in unipolar conversion mode.
In bipolar mode, IN+ can range from (IN– - Vref/2) to (IN–
+ Vref/2) keeping the converter out of code saturation.
For instance, if IN– is set to a constant DC voltage of
Vref/2, then IN+ can vary from 0V to VREF to cover the
entire code range. Lower or higher voltages of IN+ keep
the output code at the minimum or maximum code value.
Figure 9 shows the input voltage ranges in bipolar mode
when IN– is set to a constant DC voltage.
As explained before, converters out of the ZADCS08x2
family can also be used to convert fully differential input
signals that change around a common mode input volt-
age.
The bipolar mode is best used for such purposes since it
allows the input signals to be positive or negative in rela-
tion to each other.
The common mode level of a differential input signal is
calculated VCM = (V(IN+)+ V(IN–)) / 2. To avoid code clip-
ping or over steering of the converter, the common mode
level can change from ¼ VREF … ¾ VREF. Within this
range the peak to peak amplitude of the differential input
signal can be ± VREF/2.
The average input current on the analog inputs depends
on the conversion rate. The signal source must be capa-
ble of charging the internal sampling capacitors (typically
16pF on each input of the converter: IN+ and IN–) within
the acquisition time tACQ to the required accuracy. The
equivalent input circuit in sampling mode is shown in
Figure 6.
The following equation provides a rough hand calculation
for a source impedance RS that is required to settle out a
DC input signal referenced to AGND with 8 bit accuracy
in a given acquisition time
Figure 7: Block diagram of input multiplexer
0V
1.5*VREF
VREF
VIN+
VIN-
VDD-VREF
Code Range
0xFF
0x00
Figure 8: Input voltage range in unipolar mode
0.5*VREF
0V
VREF
¾ VREF
VCM
VDIFF
+VREF/2
VCM Range
Figure 9: Input voltage range for fully differen-
tial signals in bipolar mode
¼ VREF
-VREF/2
0V
RSW
CHOLD+
16pF
CIN
4pF
RSW
AGND
CHOLD-
16pF
CIN
4pF
AGND
IN+
IN-
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
Channel
Multiplexer
VDC
3kΩ
3kΩ
Figure 6: Equivalent input circuit during sampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com