Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2001 Datasheet(PDF) 2 Page - ETAL Group

Part # P2001
Description  LINE MATCHING TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P2001 Datasheet(HTML) 2 Page - ETAL Group

  P2001 Datasheet HTML 1Page - ETAL Group P2001 Datasheet HTML 2Page - ETAL Group P2001 Datasheet HTML 3Page - ETAL Group P2001 Datasheet HTML 4Page - ETAL Group P2001 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P2001
ETALDOC 100/17
Page 2 of 5
February 2006
SPECIFICATIONS
Electrical
At T = 25ºC and as circuit fig. 2 unless otherwise stated.
Parameter
Conditions
Min
Typ
Max
Units
Insertion Loss
f = 2kHz, RL = 560Ω
-
-
1.5
dB
Frequency response
LF-3dB cutoff
HF-3dB cutoff
200Hz - 4kHz
-
10
-
-
-
-
50
-
±0.2
Hz
kHz
dB
Return Loss
200Hz - 4kHz
18
-
-
dB
Third Harmonic
Distortion
(1)
450Hz 0dBm in line
600Hz –10dBm
-
-
-85
-
-
-105
dBm
dBm
Balance
DC – 5kHz
Method TG25
80
-
-
dB
Saturation
Excitation 50Hz
250V rms.
Output voltage
across line
-
-
-
-
10
65
Vrms
Vpeak
Voltage
isolation
(2)
50Hz
DC
3.88
5.5
-
-
-
-
kVrms
kV
Operating range:
Functional
Storage
Humidity
Ambient temperature
-25
-40
-
-
-
-
+85
+125
95
ºC
ºC
%R.H.
Lumped equivalent circuit parameters as Fig. 1
DC resistance, RDC
(3)
Sum of windings
118
-
146
Ω
Leakage inductance
ΔL
15
-
19
mH
Shunt inductance Lp
(4)
200Hz 10mV
4.5
15
H
Shunt loss Rp
(4)
200Hz 10mV
14
-
40
k
Ω
Notes
1.
Third
harmonic
typically
exceeds
other
harmonics by 20dB.
2.
Components are 100% tested at 6.5kV DC.
3.
Caution: do not pass DC through windings.
Telephone line current, etc. must be diverted
using choke or semiconductor line hold
circuit.
4.
At signal levels greater than 100mV, Lp will
increase and Rp will decrease slightly but the
effect is usually favourable to the return loss
characteristic.
Equivalent Circuit
IDEAL
1:1
Fig 1
LINE
MODEM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com