Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2001 Datasheet(PDF) 1 Page - ETAL Group

Part # P2001
Description  LINE MATCHING TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P2001 Datasheet(HTML) 1 Page - ETAL Group

  P2001 Datasheet HTML 1Page - ETAL Group P2001 Datasheet HTML 2Page - ETAL Group P2001 Datasheet HTML 3Page - ETAL Group P2001 Datasheet HTML 4Page - ETAL Group P2001 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ETALDOC 100/17
Page 1 of 5
February 2006
PRODUCT DATA SHEET
LINE MATCHING TRANSFORMER
P2001
Features
Applications
∗ Ultra Low Distortion
∗ Telecommunications
∗ Lead-free (Pb-free)
∗ V.34modems
∗ RoHS compliant
∗ Portable computers
∗ 12.6mm (0.5") seated height
∗ Fax / modems
∗ Vacuum encapsulated
∗ IEC 60950 and UL 60950 Certified
∗ UL Recognized Component
DESCRIPTION
P2001 is the transformer of choice in high-speed
applications where good performance in a robust
resin encapsulated package is required at a most
competitive price.
P2001 meets international safety standards, being
vacuum
encapsulated
and
100%
tested
to
withstand 6.5kV DC. The part is completely
lead-free,
compliant
with
RoHS
Directive
2002/95/EC,
and
suitable
for
lead-free
and
conventional processing.
P2001 is ideal for datacommunications at V.34
(33,600 bits/second) and is a drop-in replacement
for industry standard P1200 for circuits to be
upgraded for high speed.
P2001 is certified to IEC 60950 and UL 60950.
P2001 is a UL Recognized Component and is
supported by an IEC CB Test Certificate.


Similar Part No. - P2001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
P200132WM02NB2 ITT-P200132WM02NB2 Datasheet
209Kb / 3P
Low Profile Key Switches
P200132WM02NBE2 ITT-P200132WM02NBE2 Datasheet
209Kb / 3P
Low Profile Key Switches
P200132WM02NG2 ITT-P200132WM02NG2 Datasheet
209Kb / 3P
Low Profile Key Switches
P200132WM02NGE2 ITT-P200132WM02NGE2 Datasheet
209Kb / 3P
Low Profile Key Switches
P200132WM02NQ2 ITT-P200132WM02NQ2 Datasheet
209Kb / 3P
Low Profile Key Switches
More results

Similar Description - P2001

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P1200 ETAL-P1200 Datasheet
121Kb / 5P
LINE MATCHING TRANSFORMER
P2602 ETAL-P2602 Datasheet
164Kb / 5P
LINE MATCHING TRANSFORMER
P3034 ETAL-P3034 Datasheet
125Kb / 4P
LINE MATCHING TRANSFORMER
P3126 ETAL-P3126 Datasheet
140Kb / 4P
LINE MATCHING TRANSFORMER
P3189 ETAL-P3189 Datasheet
173Kb / 5P
LINE MATCHING TRANSFORMER
P3324 ETAL-P3324 Datasheet
188Kb / 6P
LINE MATCHING TRANSFORMER
P3800 ETAL-P3800 Datasheet
179Kb / 5P
LINE MATCHING TRANSFORMER
P5100 ETAL-P5100 Datasheet
117Kb / 4P
LINE MATCHING TRANSFORMER
P5122 ETAL-P5122 Datasheet
113Kb / 4P
LINE MATCHING TRANSFORMER
logo
Rhombus Industries Inc.
T-30805 RHOMBUS-IND-T-30805 Datasheet
31Kb / 1P
Line Matching Transformer
11-28-99
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com