Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2001 Datasheet(PDF) 3 Page - ETAL Group

Part # P2001
Description  LINE MATCHING TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P2001 Datasheet(HTML) 3 Page - ETAL Group

  P2001 Datasheet HTML 1Page - ETAL Group P2001 Datasheet HTML 2Page - ETAL Group P2001 Datasheet HTML 3Page - ETAL Group P2001 Datasheet HTML 4Page - ETAL Group P2001 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P2001
ETALDOC 100/17
Page 3 of 5
February 2006
PERFORMANCE CHARACTERISTICS
-14
-22
-26
-30
100Hz
200 300
500
Typic al
Worst Ca se
1kHz
2
Frequency
dB
34 5
10
-18
Return Loss
Fig 4
0
-0.2
-0.3
-0.4
100Hz
200 300
500
1kHz
2
Frequency
dB
34 5
10
-0.1
Typ
ic a
l
Wo
rst
Ca
se
Frequency Response
Fig 3
Recommended Circ uit
Fig 2
560
LINE
600
* If return loss > 16dB, 300Hz - 4kHz is a c ceptab le, bloc king
ca pa citor ma y b e relaxed to 4.7 F
µ
33nF
27nF
5%
+_
2%
+_
*
+50%
20%
_
µ
6.8 F
+50%
20%
_
5%
+_
600
MATCH
Ω
EUROPEAN CTR21 COMPLEX MATCH
Figure 5 gives flat RX and TX responses against the
reference impedance (typically around
0.5dB
300Hz - 3.4kHz). Return loss is typically better than
20dB.
The circuit values in parentheses give
optimum flatness at a small sacrifice in return loss.
For circuits with existing board drillings, figure 6
gives good return loss (>20dB) and RX flatness
against the reference impedance, but TX flatness is
degraded by the use of this topology.
+
_
Recommended Circ uit
Fig 5
150
(220)
LINE
270
750
750
(680)
56nF
(150nF)
100nF
150nF
µ
2.2 F
Recommended Circ uit
Fig 6
820
LINE
270
750
330
27nF
68nF
150nF
µ
2.2 F



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com