Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2821 Datasheet(PDF) 2 Page - ETAL Group

Part # P2821
Description  POWERLINE CARRIER ISOLATION TRANSFORMERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P2821 Datasheet(HTML) 2 Page - ETAL Group

  P2821 Datasheet HTML 1Page - ETAL Group P2821 Datasheet HTML 2Page - ETAL Group P2821 Datasheet HTML 3Page - ETAL Group P2821 Datasheet HTML 4Page - ETAL Group P2821 Datasheet HTML 5Page - ETAL Group P2821 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P2820, P2821, P2822, P2823
ETALDOC 345/10
Page 2 of 6
March 2006
SPECIFICATIONS
Distortion
Exceed requirements of EN 50065-1 (1991) for
conducted emissions
Conditions:
P2820,
Fundamental 40-90kHz into artificial mains
network of EN 50065-1 at 122dBµV and AC
magnetizing current of 40mA rms at 50Hz. Circuit
as Figure 1.
P2822
, Fundamental 125-140kHz into artificial
mains network of EN 50065-1 at 116dBμV and AC
magnetizing current of 3mA rms at 50Hz. Circuit as
Figure 3.
P2821,
Fundamental 95-125kHz into artificial mains
network of EN 50065-1 at 116dBμV and AC
magnetizing current of 10mA rms at 50Hz. Circuit
as Figure 2.
P2823
, Fundamental 140-148.5kHz into artificial
mains network of EN 50065-1 at 116dBμV and AC
magnetizing current of 3mA rms at 50Hz. Circuit as
Figure 4.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com