Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2821 Datasheet(PDF) 4 Page - ETAL Group

Part # P2821
Description  POWERLINE CARRIER ISOLATION TRANSFORMERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P2821 Datasheet(HTML) 4 Page - ETAL Group

  P2821 Datasheet HTML 1Page - ETAL Group P2821 Datasheet HTML 2Page - ETAL Group P2821 Datasheet HTML 3Page - ETAL Group P2821 Datasheet HTML 4Page - ETAL Group P2821 Datasheet HTML 5Page - ETAL Group P2821 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P2820, P2821, P2822, P2823
ETALDOC 345/10
Page 4 of 6
March 2006
Detailed Specification, P2820
Electrical
At T = 25ºC and as circuit fig. 5 unless otherwise indicated.
Parameter
Conditions
Min
Typ
Max
Units
Series resistance
Refered to pins 1-3
40kHz
90kHz
40-90kHz
0.2
–
0.2
0.27
0.38
-
-
0.7
0.7
Ω
Ω
Ω
Saturation Current
1-3; 5% drop in shunt
inductance, Lp
120
150
-
mA
Thermal resistance
Coil to ambient
-
50
70
ºC/W
Turns ratio, N
1.65
1.68
1.71
-
Voltage
isolation
(1)
50Hz
DC
4.0
5.5
-
-
-
-
kVrms
kV
Operating range:
Functional
Storage
Ambient temperature
-25
-40
-
-
+85
+125
ºC
ºC
Lumped equivalent circuit parameters as Fig. 6
DC resistance
1-3, -25ºC to +85ºC
4-6, -25ºC to +85ºC
0.08
0.20
-
0.2
0.54
Ω
Ω
Leakage inductance
ΔL
-25ºC to +85ºC
13.9
14.9
15.9
µH
Shunt inductance Lp
25ºC
-25ºC to +85ºC
300
175
500
-
700
1200
µH
µH
Shunt loss Rp
10
-
-
k
Ω
Interwinding
capacitance, Ciw
1,3 : 4,6
-
8
20
pF
Notes:
1. Components are 100% tested at 6.5kVDC.
Lumped Circuit parameters
Fig 6
IDEAL
1:1.68



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com