Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2821 Datasheet(PDF) 1 Page - ETAL Group

Part # P2821
Description  POWERLINE CARRIER ISOLATION TRANSFORMERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P2821 Datasheet(HTML) 1 Page - ETAL Group

  P2821 Datasheet HTML 1Page - ETAL Group P2821 Datasheet HTML 2Page - ETAL Group P2821 Datasheet HTML 3Page - ETAL Group P2821 Datasheet HTML 4Page - ETAL Group P2821 Datasheet HTML 5Page - ETAL Group P2821 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ETALDOC 345/10
Page 1 of 6
March 2006
PRODUCT DATA SHEET
POWERLINE CARRIER
P2820
ISOLATION TRANSFORMERS
P2821
P2822
P2823
Features
Applications
∗ Lead-free (Pb-free)
∗ Powerline Carrier
∗ RoHS compliant
∗ Reinforced insulation
∗ 14.6mm seated height
∗ Vacuum encapsulated
∗ Low distortion
∗ IEC 60950 and UL 60950 certified
∗ UL Recognized Component
DESCRIPTION
The family of transformers P2820, P2821, P2822
and P2823 is specifically designed to provide signal
coupling
with
safety
for
Powerline
Carrier
applications over four bands from 40kHz to
148.5kHz.
Typically, the devices are driven from low-
impedance sources and are connected to the mains
network using capacitors whose values are chosen
to
resonate
with
the
transformer
leakage
inductance.
They are particularly suitable for use with tri-state
power amplifiers, e.g. Texas Instruments TLE2301.
The devices are completely lead-free, compliant
with RoHS Directive 2002/95/EC, and suitable for
lead-free and conventional processing.
The devices are certified to IEC 60950 and
UL 60950 for reinforced insulation. They are UL
Recognized Components and are supported by
an IEC CB Test Certificate.
Furthermore, the
devices are designed for low distortion and meet
the requirements of EN 50065-1 for conducted
emissions.


Similar Part No. - P2821

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
P282 POLYFET-P282 Datasheet
39Kb / 2P
PATENTED GOLD METALLIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
P282 POLYFET-P282 Datasheet
43Kb / 2P
polyfet rf devices
logo
ETAL Group
P2824 ETAL-P2824 Datasheet
95Kb / 4P
POWERLINE CARRIER ISOLATION TRANSFORMER
P2827 ETAL-P2827 Datasheet
158Kb / 4P
POWERLINE CARRIER ISOLATION TRANSFORMER
logo
OSRAM GmbH
P2828 OSRAM-P2828 Datasheet
2Mb / 28P
This device is especially designed for full color video walls.
Version 1.3 2022-05-31
More results

Similar Description - P2821

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P2824 ETAL-P2824 Datasheet
95Kb / 4P
POWERLINE CARRIER ISOLATION TRANSFORMER
P2827 ETAL-P2827 Datasheet
158Kb / 4P
POWERLINE CARRIER ISOLATION TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA045-1 PCA-EPA045-1 Datasheet
18Kb / 1P
Starlan Isolation Transformers
EPE6303S PCA-EPE6303S Datasheet
47Kb / 1P
Media Isolation Transformers
EPA1885-X PCA-EPA1885-X Datasheet
24Kb / 1P
Isolation Transformers
logo
Coilcraft lnc.
CR7983 COILCRAFT-CR7983 Datasheet
320Kb / 1P
Isolation Transformers
JA4631 COILCRAFT-JA4631_13 Datasheet
122Kb / 1P
Isolation Transformers
PA6547 COILCRAFT-PA6547_15 Datasheet
315Kb / 1P
Isolation Transformers
logo
Pulse A Technitrol Comp...
PH9085.011NL PULSE-PH9085.011NL Datasheet
237Kb / 2P
Isolation Power Transformers
PH9384.XXXNL PULSE-PH9384.XXXNL Datasheet
620Kb / 2P
Isolation Power Transformers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com