Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA673 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SA673
Description  PNP Silicon Plastic-Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA673 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA673 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SA673 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SA673/673A
PNP Silicon
Plastic-Encapsulate Transistor
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
* RoHS Compliant Product
* A suffix of "-C" specifies halogen-free
* Low Frequency Amplifier
* Complementary Pair with 2SC1213
and 2SC1213A
M
FEATURES
01-Jun-2002 Rev. A
Page 1 of
2
2.54±0.1
(1.27 Typ.)
13
2
1: Emitter
2: Base
3: Collector
1.25±0.2
4.55±0.2
3.5±0.2
0.46±0.1
0.43+0.08
–0.07
TO-92
AXIMUM RATINGS (TA=25 C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Tamb=25 C unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
* Pulse test.
CLASSIFICATION OF hFE(1)
Rank
B
D
o
10
100-
C
o
V
C
o
C
o
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
2SA673
2SA673A
-35
-50
V
VCEO
Collector-Emitter Voltage
2SA673
2SA673A
-35
-50
V
VEBO
Emitter-Base Voltage
-4
IC
Collector Current -Continuous
-500
mA
PC
Collector Power dissipation
400
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
Collector-base breakdown voltage
V(BR)CBO
IC=-10µA,IE=0
2SA673
2SA673A
-35
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB=0
2SA673
2SA673A
-35
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10µA,IC=0
-4
V
Collector cut-off current
ICBO
VCB= -20 V, IE=0
-0.5
µA
DC current gain
hFE(1)
*
VCE=-3V, IC= -10mA
60
320
hFE(2)
VCE=-3V, IC=-500mA
Collector-emitter saturation voltage
VCEsat
*
IC= -150mA, IB=-15mA
-0.6
V
Base-emitter voltage
VBE
VCE=-3V, IC=-10mA
-0.64
V
Range
60-120
200
160-320


Similar Part No. - 2SA673

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA673 HITACHI-2SA673 Datasheet
31Kb / 6P
Silicon PNP Epitaxial
logo
Micro Electronics
2SA673 MICRO-ELECTRONICS-2SA673 Datasheet
63Kb / 1P
SILICON TRANSISTOR
logo
TRANSYS Electronics Lim...
2SA673 TEL-2SA673 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
logo
Renesas Technology Corp
2SA673 RENESAS-2SA673 Datasheet
60Kb / 5P
Silicon PNP Epitaxial
logo
Dc Components
2SA673 DCCOM-2SA673 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - 2SA673

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA1015-O MCC-2SA1015-O Datasheet
84Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SA1015-O MCC-2SA1015-O_11 Datasheet
390Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
2SA1162-O MCC-2SA1162-O Datasheet
199Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SB772-R MCC-2SB772-R Datasheet
298Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
BD772-R MCC-BD772-R Datasheet
383Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
BF421 MCC-BF421 Datasheet
224Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMSS8550-L MCC-MMSS8550-L_13 Datasheet
164Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SA733-R MCC-2SA733-R_16 Datasheet
411Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMS9012-L MCC-MMS9012-L_13 Datasheet
161Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMS9015-L MCC-MMS9015-L_13 Datasheet
344Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com