Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5343 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC5343
Description  NPN Transistor Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC5343 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC5343 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC5343 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SC5343
NPN Transistor
Plastic-Encapsulate Transistors
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
4.55±0.2
3.5±0.2
2.54±0.1
(1.27 Typ.)
0.46+0.1
–0.1
0.43+0.08
–0.07
1
3
2
1: Emitter
2: Collector
3: Base
1.25–0.2
+0.2
FEATURES
* Excellent hFE Linearity
: hFE(2)=100(Typ) at VCE=6V,IC=150mA
: hFE(IC=0.1mA)/hFE(IC=2mA)=0.95(Typ)
* Low Noise: NF=1Db(Typ). At f=1KHz
ELECTRICAL CHARACTERISTICS Tamb=25
unless otherwise specified
Parameter
Symbol
Min
Typ.
Max
Uni
Test Conditions
Collector-Base Breakdown Voltage
B(BR)CBO
-
-
V
IC=100µA,IE=0
IC=10mA,IB=0
IE=10µA,IC=0
VCB=60V,IE=0
VEB=
IC=
VCE= V, IC=
VCE=
V, IC=1mA
VCB= 10 , f=1MHz,IE=0
50
-
-
V
-
-
V
ICBO
-
-
0.1
uA
IEBO
-
-
uA
VCE(sat)
-
hFE1
700
fT
-
MH
Cob
-
3.5
pF
z
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector-Base Cutoff Current
Emitter-Base Cutoff Current
Collector Saturation Voltage
DC Current Gain
Gain-Bandwidth Product
Output Capacitance
t
60
5
70
0.1
0.1
0.25
V
5V,IC=0
100mA,IB=10mA
6
2mA
10
V
C
-
80
o
-
-
B(BR)CEO
B(BR)EBO
Noise Figure
NF
10
-
-
VCE= V, IC=
6
0.1mA,f=1KHz,Rg=10K
dB
MAXIMUM RATINGS
Symbol
Parameter
Value
Collector Current
5
0.2
55~+150
50
60
150
-
IC
Tstg
TJ,
Junction and
Total Power Dissipation
VEBO
PD
Emitter-Base Voltage
V
mA
W
Storage Temperature
C
O
VCEO
Collector-Emitter Voltage
V
VCBO
Collector-Base Voltage
V
Units
ABSOLUTE
Ta=25C unless otherwise noted
o
Base Current-Continuous
50
IB
mA
TO-92
01-Jun-2002 Rev. A
Page
1 of 2
CLASSIFICATION OF
hFE(1)
Rank
O
Y
G
L
Range
70-140
120-240
200-400
300-700
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - 2SC5343

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SC5343 AUK-2SC5343 Datasheet
231Kb / 4P
NPN Silicon Transistor (General small signal amplifier)
logo
Galaxy Semi-Conductor H...
2SC5343 BILIN-2SC5343 Datasheet
225Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
KODENSHI_AUK CORP.
2SC5343 KODENSHI-2SC5343 Datasheet
231Kb / 4P
General small signal amplifier
logo
Shenzhen Jin Yu Semicon...
2SC5343 HTSEMI-2SC5343 Datasheet
635Kb / 2P
TRANSISTOR (NPN)
logo
SHENZHEN YONGERJIA INDU...
2SC5343 WINNERJOIN-2SC5343 Datasheet
166Kb / 2P
SOT-23 TRANSISTOR
More results

Similar Description - 2SC5343

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC3279 SECOS-2SC3279 Datasheet
312Kb / 2P
NPN Transistor Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BC337-16 MCC-BC337-16 Datasheet
125Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9018T SECOS-S9018T Datasheet
110Kb / 1P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BCX55 MCC-BCX55 Datasheet
298Kb / 3P
NPN Plastic-Encapsulate Transistors
KTC4075-O MCC-KTC4075-O Datasheet
311Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
NPN Plastic-Encapsulate Transistors
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com