Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC337 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC337
Description  NPN Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC337 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC337 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC337 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC337 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
BC337/BC338
NPN Plastic-Encapsulate Transistors
http://www.SeCoSGmbH.com
Elektronische Bauelemente
FEATURES
Power dissipation
PCM : 0.625
W(Tamb=25℃)
Collector current
ICM :
0.8
A
Collector-base voltage
V(BR)CBO : BC337 50
V
Operating and storage junction temperature range
TJ,Tstg:-55℃ to +150℃
1 2
TO-92
1. COLLECTOR
2. BASE
.
EMITTER
1
2
3
3
3
.
BC338 30
ELECTRICAL
CHARACTERISTICS (Tamb=25
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
BC337
BC338
VCBO
Ic= -100µA , IE=0
50
30
V
V
Collector-emitter breakdown voltage
BC337
BC338
VCEO
IC= -10 mA , IB=0
45
25
V
V
Emitter-base breakdown voltage
VEBO
IE= -10µA, IC=0
5
V
Collector cut-off current
BC337
BC338
ICBO
VCB= -45V, IE=0
VCB= -25V, IE=0
0.1
0.1
µA
µA
Collector cut-off current
BC337
BC338
ICEO
VCE= -40V, IB=0
VCE= -20 V, IB=0
0.2
0.2
µA
µA
Emitter cut-off current
IEBO
VEB= -4 V, IC=0
0.1
µA
hFE(1)
VCE=-1V, IC= -100mA
100
630
DC current gain
hFE(2)
VCE=-1V, IC= -300mA
60
Collector-emitter saturation voltage
VCE(sat)
IC=-500 mA, IB= -50 mA
0.7
V
Base-emitter saturation voltage
VBE(sat)
IC= -500 mA, IB=-50 mA
1.2
V
Transition frequency
f T
VCE= -5V, IC= -10mA
f = 100MHz
210
MHz
hFE CLASSIFICATION
Classification
16
25
40
hFE1
100-250
160-400
250-630
28-Jun-2007 Rev. A
Page
1 of 3
Base-emitter voltage
VBE
VCE=1V, IC= 300mA
1.2
V
Collector Output Capacitance
Cob
VCB=10V,IE=0
f=1MHZ
15
pF
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BC337

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC337 MOTOROLA-BC337 Datasheet
163Kb / 4P
Amplifier Transistor
logo
NXP Semiconductors
BC337 PHILIPS-BC337 Datasheet
47Kb / 8P
NPN general purpose transistor
1999 Apr 15
logo
Semtech Corporation
BC337 SEMTECH-BC337 Datasheet
343Kb / 5P
NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications???
logo
Siemens Semiconductor G...
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC337 FAIRCHILD-BC337 Datasheet
27Kb / 3P
SWITCHING AND AMPLIFIER APPLICATIONS
More results

Similar Description - BC337

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC337-16 MCC-BC337-16 Datasheet
125Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9018T SECOS-S9018T Datasheet
110Kb / 1P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BCX55 MCC-BCX55 Datasheet
298Kb / 3P
NPN Plastic-Encapsulate Transistors
KTC4075-O MCC-KTC4075-O Datasheet
311Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
NPN Plastic-Encapsulate Transistors
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com