Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JXP-01LMAC1 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # JXP-01LMAC1
Description  Multiprotocol XFP Optical Transceiver-1310 nm for up to 10 km Reach
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JXP-01LMAC1 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  JXP-01LMAC1 Datasheet HTML 1Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 2Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 3Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 4Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 5Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 6Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 7Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 8Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 9Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
MUlTIPROTOCO l XFP O PTICA l TRANSCEI vER
—1310 NM FOR UP TO 10 KM REACH
Receiver
The receiver converts incoming DC balanced serial NRZ optical data from line
rate of 9.95 to 11.35 Gbps into serial XFI electrical data. Light is coupled to a PIN
photodetector from single-mode optical fiber through an industry-standard LC
optical connector. The electrical current from the PIN photodetector is converted
to a voltage in a high-gain transimpedance amplifier.
The amplified signal is passed to a signal conditioning IC that provides clock and
data recovery. The receive CDR function generates a clock that is at the same fre-
quency as the incoming data bit rate of the optical data input. The clock is phase
aligned by a PLL that samples the data in the center of the data eye pattern. The
CDR function does not require a reference clock to “lock” to incoming data. The
CDR contains a lock detect circuit that indicates successful locking of the PLL onto
the incoming data. Loss of signal, and signal lock detection is included in the re-
ceive circuitry that is reflected in the Mod_NR status pin. The recovered data is
output on the RD+ and RD- pins as a 100 Ω 340 mV peak-to-peak CML signal.
The output signal meets the XFP MSA requirements.
Figure 1
JDSU 10 Gbps 1310 nm multiprotocol XFP optical transceiver functional block diagram
CDR / Limiting
Amplifier
RD-
RD+
TIA
ROSA
CDR / Equalizer
TD-
TD+
TOSA
Laser Control
Circuit
Micro-
Processor
Vcc3
Vcc5
Power Supply Sequence /
In Rush Control Circuit
Vcc2 Vee5
No Connect
GND
Transceiver Ground
MOD_ABS
GND
REFCLK+
REFCLK-
RX_LOS
MOD_NR
INTERRUPT
SDA
SCL
MOD_DESEL
Vcc3
Vcc3
TX_DIS
Vcc3
PDOWN/RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com