Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JXP-01LMAC1 Datasheet(PDF) 6 Page - JDS Uniphase Corporation

Part # JXP-01LMAC1
Description  Multiprotocol XFP Optical Transceiver-1310 nm for up to 10 km Reach
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JXP-01LMAC1 Datasheet(HTML) 6 Page - JDS Uniphase Corporation

Back Button JXP-01LMAC1 Datasheet HTML 2Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 3Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 4Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 5Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 6Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 7Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 8Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 9Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 10Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
MUlTIPROTOCOl XFP OPTICAl TRANSCEIvER
—1310 NM FOR UP TO 10 KM REACH
Power supply filter component values are provided on page 7.
Receiver (Tx Fault)
Vcc
10 kΩ
CMOS, TTL, or
Open Collector Driver
(Tx Disable)
Open Collector
Bidirectional
SDA
Vcc
Rp***
Vcc
Open Collector
Bidirectional
SCL
Rq
***
Mod_ABS
10 kΩ
Vcc
1 VeeT
2 Tx Fault
3 Tx Disable
4 SDA
5 SCL
6 MOD_ABS
7 RS0
8 LOS
9 RS1
10 VeeR
VeeT 20
TD- 19
TD+ 18
VeeT 17
VccT 16
VccR 15
VeeR 14
RD+ 13
RD- 12
VeeR 11
10 kΩ
Vcc
Receiver (LOS)
R1
* 50 Ω
R2
* 50 Ω
L1
L2
Z
* = 100Ω
PECL Driver
(TX DATA)
C1
C2
C5
C4
C3
CMOS or TTL Driver
(RS0 Rx Rate Select)
CMOS or TTL Driver
(RS1 Tx Rate Select)
Vcc
R6 ∗∗
R5 ∗∗
Vcc
Vcc +3.3V
Input
R3
*
50 Ω
R4
*
50 Ω
PECL Receiver
(RX DATA)
Z
* = 100 Ω
Power Supply Filter
C6
Ry
Rx
3.1
Pin Function Definitions
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
GND
RD-
RD+
GND
VCC2
P_Down/RST
VCC2
GND
RefCLK+
RefCLK-
GND
GND
TD-
TD+
GND
GND
RX_LOS
Mod_NR
Mod_ASB
SDA
SCL
VCC3
VCC3
GND
VCC5
TX_DIS
Interupt
Mod_DeSel
VEE5
GND
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
TX_DIS
_______
Interrupt
Figure 3
XFP optical transceiver pin-out on host board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com