Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JXP-01LMAC1 Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # JXP-01LMAC1
Description  Multiprotocol XFP Optical Transceiver-1310 nm for up to 10 km Reach
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JXP-01LMAC1 Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  JXP-01LMAC1 Datasheet HTML 1Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 2Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 3Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 4Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 5Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 6Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 7Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 8Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 9Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Multiprotocol XFP Optical Transceiver—1310 nm for up to
10 km Reach
JXP Series
Key Features
•CompliantwithSONETOC-192SR-1,10GEthernetand10G
FibreChannel10GBASE-LR,andcorrespondingForward
ErrorCorrection(FEC)ratesfrom9.95Gbpsto11.35Gbps
•1310nmopticalsignalsforupto10kmreach
•RoHS6/6compliant
•Industrialoperatingcasetemperaturerangefrom
-40˚Cto85˚C
•Lowpowerconsumption(<2.5Wmax)
•ExcellentEMIperformance
•Digitaldiagnosticmonitoringsupport
•XFIsystemloopbackimplemented
The JDSU 10 Gbps 1310 nm multiprotocol XFP optical transceiver is a fully du-
plexed, integrated fiber optic transceiver that provides a high-speed serial link at
signaling rates from 9.95 to 11.35 Gbps. The module complies with the 10 Gigabit
Small Form Factor Pluggable (XFP) multisource agreement (MSA).
The 1310 nm XFP also complies with Telcordia GR-253-CORE (SONET) OC-192
SR-1 and ITU-T G.691 (SDH) STM-64 I-64.1 for 2 km reach, and IEEE 802.3-2005
Clause 52 (Ethernet) 10GBASE-LR and 10GFC (Fibre Channel) 1200-SM-LL-L
for 10 km reach.
The 10 Gbps multiprotocol XFP optical transceiver integrates the receive and
transmit path on one module. On the transmit side, the 10 Gbps serial data stream
is recovered, retimed, and passed to a laser driver. The laser driver modulates a
1310 nm semicooled external modulated laser (EML), enabling data transmission
over single-mode fiber through an industry standard LC connector. On the re-
ceive side, the 10 Gbps optical data stream is recovered from a PIN photodetector/
transimpedance amplifier, retimed, and passed to an output driver. This module
features a hot-pluggable, XFI-compliant electrical interface.
Applications
•Wideareanetwork(WAN)
•Localareanetwork(LAN)
•Storageareanetwork(SAN)
•SONETOC-192applications
•SDHSTM-64applications
•Ethernetswitchesandapplications
•FibreChannelswitchesandapplications
Compliance
•TelcordiaGR-253-COREstandard
•ITU-TG.691standard
•IEEE802.3-2005Clause52standard
•10GFC1200-SM-LL-Lstandard
•Class1LaserSafety
•TestedinaccordancewithTelcordia
GR-468
NORTH AMERICA: 800 498-JDSU (5378)
wORlDwIDE : +800 5378-JDSU
wEBSITE: www.jdsu.com
COMMUNICATIONS MODU lES & SUBS ySTEM S


Similar Part No. - JXP-01LMAC1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
JXP-01LWAA1 JDSU-JXP-01LWAA1 Datasheet
127Kb / 4P
10GBASE-LR XFP Optical Transceiver
More results

Similar Description - JXP-01LMAC1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
JSH-01LWAA1 JDSU-JSH-01LWAA1 Datasheet
671Kb / 22P
10 Gigabit Ethernet SFP 1310 nm Limiting Transceiver, 10 km Reach
JXP-01EMAB1 JDSU-JXP-01EMAB1 Datasheet
566Kb / 16P
Multiprotocol XFP Optical Transceiver-1550 nm for up to 40 km Reach
logo
Optoway Technology Inc
XPS-2120WG OPTOWAY-XPS-2120WG Datasheet
292Kb / 9P
10Gb/s 20 km 1310 nm XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-711XPDZ AVAGO-AFCT-711XPDZ Datasheet
538Kb / 15P
Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
AFCT-721XPDZ AVAGO-AFCT-721XPDZ Datasheet
521Kb / 14P
10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
HFCT-711XPD AVAGO-HFCT-711XPD Datasheet
340Kb / 14P
Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
HFCT-721XPD AVAGO-HFCT-721XPD Datasheet
447Kb / 14P
10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
Broadcom Corporation.
AFCT-711XPDZ BOARDCOM-AFCT-711XPDZ Datasheet
538Kb / 15P
Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
AFCT-721XPDZ BOARDCOM-AFCT-721XPDZ Datasheet
521Kb / 14P
10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
List of Unclassifed Man...
QSFP28 ETC-QSFP28_V01 Datasheet
950Kb / 14P
QSFP28 Optical Transceiver –100 Gigabit Ethernet for up to 10 km Reach
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com