Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD22L Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCD22L
Description  VOLTAGE 20V ~ 40V 2.0 AMP Low Vf Schottky B arrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCD22L Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCD22L Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCD22L Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCD22L THRU SCD24L
VOLTAGE 20V ~ 40V
2.0 AMP Low Vf Schottky Barrier Rectifiers
2010
FEATURES
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Low profile package
Built-in strain relief
Metal to silicon rectifier , majority carrier conduction
Low power loss , High efficiency
High current capability , low VF
High surge capacity
For using in low voltage high frequency switching power suppl
inverters , free wheeling , and polarity protection applications
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Solder plated , solderable per MIL-STD-750,
Method 2026
Polarity : Laser marking
Weight : 0.02 gram
*
*
*
*
*
*
*
*
*
*
*
*
*
y,
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load,
derate current by 20%.
TYPE NUMBER
SYMBOLS
Maximum Recurrent Peak Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRMS
Maximum DC Blocking Voltage
VDC
Maximum Average Forward Rectified Current (See FIG. 1)
I(AV)
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
Maximum Instantaneous Forward Voltage at 2.0A (Note1)
VF
V
Maximum DC Reverse Current (Note1) Ta=25℃
at Rated DC Blocking Voltage Ta=100℃
IR
mA
RθJA
75
Typical Thermal Resistance (Note 2)
RθJL
17
/ W
Operating Temperature Range
TJ
-50 ~ +125
Storage Temperature Range
TSTG
-65 ~ +150
NOTES:
1.
Pulse test width PW=300 usec, 1% duty cycle.
2.
Mounted on P.C. board with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0.091(2.30)
R0.020(0.50)
0.083(2.10)
0.049(1.25)
0.033(0.85)
0.049(1.25)
0.033(0.85)
.181(4.60)
.002(0.05)
.173(4.40)
0.049(1.25)
0.033(0.85)
* Dimensions in inches and (millimeters)
SCD22L
Units
SCD24L
A
20
40
40
40
20
20
60
0.36
V
V
V
2
A
40
0.38
1
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCD22L

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SCD22L ZOWIE-SCD22L Datasheet
85Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
SCD22LH ZOWIE-SCD22LH Datasheet
211Kb / 2P
Schottky Barrier Diode
More results

Similar Description - SCD22L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MSCD104 SECOS-MSCD104 Datasheet
283Kb / 2P
1 AMP Surface Mount Schottky B arrier Rectifiers
SCD12L SECOS-SCD12L Datasheet
218Kb / 2P
VOLTAGE 20V ~ 40V 1.0 AMP Low Vf Schottky Barrier Rectifier s
SCD32L SECOS-SCD32L Datasheet
608Kb / 2P
VOLTAGE 20V ~ 40V 3.0 AMP Low Vf SchottkyB arrier Rectifiers
SCK120LP SECOS-SCK120LP Datasheet
241Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Low Vf Schottky Barrier Rectifiers
SCS120PR SECOS-SCS120PR Datasheet
198Kb / 2P
VOLTAGE 20V ~ 40V 1.0 AMP Schottky Barrier Rectifiers
SSCD204L SECOS-SSCD204L Datasheet
510Kb / 2P
2.0 AMP Low Vf Schottky Barrier Rectifiers
SK26LL SECOS-SK26LL Datasheet
215Kb / 2P
Voltage 60V 2.0 Amp Low VF Schottky Barrier Rectifiers
logo
Yea Shin Technology Co....
YS15S50SL YEASHIN-YS15S50SL Datasheet
500Kb / 3P
SURFACE MOUNT LOW VF SCHOTTKY B ARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SCD32L SECOS-SCD32L_15 Datasheet
609Kb / 2P
3.0 AMP Low Vf SchottkyB arrier Rectifiers
logo
PACELEADER INDUSTRIAL
SL32-BL PACELEADER-SL32-BL Datasheet
602Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com