Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC945 Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC945
Description  NPN Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC945 Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  ST2SC945 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC945 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC945 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2SC945 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. ST2SC945 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dated : 22/07/2004
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SC945
200
50
Tamb ( C)
0
50
25
100
150
125
75
100
150
Total power dissipation
vs. ambient temperature
300
250
Free air
Normalized collector cutoff current
vs. ambient temperature
Tamb ( C)
0
1
40
20
60
10
100
1000
10000
140
100
80
120
160
Ta=75 C
25 C
-25 C
COLLECTOR CURRENT, mA
0.01
200
80
40
0
160
120
280
240
320
360
200
10
1
0.1
COLLECTOR CURRENT, mA
0.1
0.01
100
0.5V
1.0V
2.0V
3.0V
80
40
0
160
120
VCE=6.0V
pulsed
h FE - IC
280
240
360
320
100
110
h FE - IC
VCE=6V
pulsed
1
VCE, V
0.8
20
0
0
0.4
1.6
I B=0.1mA
1.2
2.0
2
0
10
0
50
IB=0.5 A
20
30
VCE, V
40
Collector current vs.
collector emitter voltage
Collector current vs.
collector emitter voltage
40
60
100
80
0.5
0.2
0.3
0.4
1.0
0.9
0.6
0.8
0.7
6
4
10
8
3.5
3
2
2.5
1.5
4.5
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com