Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC945 Datasheet(PDF) 5 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC945
Description  NPN Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC945 Datasheet(HTML) 5 Page - SEMTECH ELECTRONICS LTD.

  ST2SC945 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC945 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC945 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2SC945 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. ST2SC945 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Dated : 22/07/2004
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SC945
VCE - V
Normalized h-parameters vs.
collector emitter voltage
hfe - Small signal current gain
Input impedance, voltage feedback
ratio and output admittance vs.
small signal current gain
0
20
40
60
80
100
0
10
20
30
40
0
200
20
10
40
30
50
50
VCE=6V
Ic=1mA
f=1kHz
400
600
hoe
hre
hie
1000
800
hoe
0
1
hfe
2
10
hie
hre
3
Ic=1mA
f=1kHz
He=
he(VCE)
he(VCE=6V)
hie
hoe
20
hre
hfe
30



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com