Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC945 Datasheet(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC945
Description  NPN Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC945 Datasheet(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  ST2SC945 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC945 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC945 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2SC945 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. ST2SC945 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Dated : 22/07/2004
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SC945
0.5
0.1
0.01
0.3
0.2
0.4
0.8
VBE, V
0.6
0.7
0.9
1
Collector current vs. base emitter voltage
10
1
100
VCE=6V
pulsed
20
0.1
VCE(sat)
100
6V
0.1
0.01
Collector Current, mA
1
100
10
IC/IB=10
Emitter Current, mA
-0.1
10
-1
-10
1V
2V
-100
1
10
Collector and base saturation
voltage vs. collector current
VBE(sat)
pulsed
IC/IB=10
50
20 50
VCE=10V
1000
10000
fT - IE
0.1
0.1
1
VEB, VCB - V
1
Cob(IE=0)
10
100
10
100
VEB, VCB vs.Cib, Cob
f=1MHz
Cib(Ic=0)
DC current gain
0
200
400
200
600
400
800
1000
Small signal current gain
vs. DC current gain
800
600
1000
VCE=6V
Ic=1mA
f=1kHz
Normalized h-parameters
vs. collector current
0.1
0.1
1
Hoe
Hfe
Hre
10
Hie
Ic , mA
1
10
Hre
Hie
he(Ic)
he(Ic=1mA)
VCE=6V
f=1kHz
He=
Hfe
Hoe



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com