Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR02FR16P-R Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # FR02FR16P-R
Description  10mm Ultra-Thin SMT DIP Rotaries
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

FR02FR16P-R Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  FR02FR16P-R Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. FR02FR16P-R Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. FR02FR16P-R Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. FR02FR16P-R Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
02-08
10mm Ultra-Thin SMT DIP Rotaries
Series FR02
General Specifications
Electrical Capacity (Resistive Load)
Switching Rating:
100mA @ 5V DC
Nonswitching Rating:
100mA @ 50V DC
Other Ratings
Contact Resistance:
100 milliohms maximum for circuit; 30 milliohms maximum for contact point
Insulation Resistance:
1,000 megohms minimum @ 250V DC
Dielectric Strength:
250V AC minimum for 1 minute minimum
Mechanical Life:
10,000 detent operations minimum
Electrical Life:
10,000 detent operations minimum
Notes: A detent operation is one actuator position operation or stepping.
A cycle is one 360° rotation. 10,000 detent operations equal
625 cycles for hexadecimal devices or 1,000 cycles for decimal devices.
Nominal Operating Torque:
0.008Nm for decimal devices; 0.01Nm for hexadecimal devices
Contact Timing:
Shorting (Avoid possible false signal by turning off power before switching.)
Materials & Finishes
Actuator:
Glass fiber reinforced polyamide (UL94V-0)
Housing & Base:
Glass fiber reinforced polyamide (UL94V-0)
Leaf Spring:
Stainless steel
Movable Contacts:
Copper alloy with gold plating
Stationary Contacts:
Phosphor bronze with gold plating
Terminals:
Phosphor bronze with gold plating
Environmental Data
Operating Temperature Range:
–25°C through +85°C (–13°F through +185°F)
Humidity:
90 ~ 95% humidity for 240 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 5 minutes; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Processing
Soldering:
Reflow Soldering Recommended. See Profile A in Supplement section.
Note: During Reflow Soldering process, set the switch to the following position:
FR02FR10P, FR02FR16P: 0 position; FR02FC10P: 7 position; FR02FC16P: F position
Manual Soldering: See Profile A in Supplement section.
Cleaning:
These devices are not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
Flammability Standards:
UL94V-0 rated actuator, housing, & base
UL Recognition
The FR Series rotaries have not been tested for UL recognition or CSA certification.
or CSA Certification:
These switches are designed for use in a low-voltage, low-current circuit.
When used as intended, the results do not produce hazardous energy.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com