Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR02FR16P-R Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # FR02FR16P-R
Description  10mm Ultra-Thin SMT DIP Rotaries
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

FR02FR16P-R Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  FR02FR16P-R Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. FR02FR16P-R Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. FR02FR16P-R Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. FR02FR16P-R Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
02-08
10mm Ultra-Thin SMT DIP Rotaries
Series FR02
Distinctive Characteristics
Slim .150” (3.8mm) body has the lowest profile in the industry and
allows close stacking of PC boards.
Highly visible legends and screwdriver actuator with
arrow position indication provide trouble-free
code setting.
Detent mechanism gives crisp, positive action
for accurate switch setting.
Use of heat resistant resin allows infrared
convection reflow soldering.
Gull-winged terminals ensure mechanical
stability during soldering and simplify solder
joint inspection.
Cam activated movable contact and gold contacts
assure contact reliability and continuity.
Tape-reel packaging meets EIA-481-2 Standard.
Coplanarity: all considered surfaces must lie between two parallel planes
that are a maximum distance apart of .0059” (0.15mm). (Additional
coplanarity details in Terms and Acronyms in the Supplement section.)
Actual Size


Similar Part No. - FR02FR16P-R

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FR02 FCI-FR02 Datasheet
93Kb / 2P
HIGH VOLTAGE, FAST RECOVERY MINIATURE PLASTIC RECTIFIERS
logo
Japan Aviation Electron...
FR02 JAE-FR02 Datasheet
241Kb / 5P
0.2 mm Pitch, 0.82mm Mating Height FPC Connector
logo
List of Unclassifed Man...
FR02 ETC-FR02 Datasheet
2Mb / 7P
dip rotary switch
logo
First Components Intern...
FR02-25 FCI-FR02-25 Datasheet
93Kb / 2P
HIGH VOLTAGE, FAST RECOVERY MINIATURE PLASTIC RECTIFIERS
logo
RFE international
FR02-25 RFE-FR02-25 Datasheet
91Kb / 1P
LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
More results

Similar Description - FR02FR16P-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R1001N11A1 ETC1-R1001N11A1 Datasheet
54Kb / 2P
10mm Ultra Thin Micro Rotary Potentiometers
logo
Nihon Kaiheiki Industry...
FR01FR10PB-S NKK-FR01FR10PB-S Datasheet
267Kb / 7P
10mm DIP Rotaries
JS0204AP4-S NKK-JS0204AP4-S Datasheet
265Kb / 6P
Ultra-Miniature SMT DIP Slides
ND3FR10P NKK-ND3FR10P Datasheet
359Kb / 7P
8mm Process Sealed SMT DIP Rotaries
NDFR10P NKK-NDFR10P Datasheet
121Kb / 4P
8mm Process Sealed DIP Rotaries
logo
SUYIN USA, INC.
030236FR006T101ZU SUYIN-USA-030236FR006T101ZU Datasheet
129Kb / 1P
ULTRA THIN MINI DIN REVERSED DIP TYPE
030238FR007T100ZU SUYIN-USA-030238FR007T100ZU Datasheet
131Kb / 1P
ULTRA THIN MINI DIN DIP TYPE
030336FR006T100ZU SUYIN-USA-030336FR006T100ZU Datasheet
101Kb / 1P
ULTRA THIN MINI DIN DIP TYPE
070921MR SUYIN-USA-070921MR Datasheet
158Kb / 1P
ULTRA THIN D-SUB RIGHT ANGLE DIP TYPE
logo
List of Unclassifed Man...
FR01FC16P ETC2-FR01FC16P Datasheet
425Kb / 9P
10mm DIP Rotaries
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com