Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR02FR16P-R Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # FR02FR16P-R
Description  10mm Ultra-Thin SMT DIP Rotaries
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

FR02FR16P-R Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  FR02FR16P-R Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. FR02FR16P-R Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. FR02FR16P-R Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. FR02FR16P-R Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
02-08
10mm Ultra-Thin SMT DIP Rotaries
Series FR02
Upright • Screwdriver Actuated
TYPICAL SWITCH DIMENSIONS
P
FR02FC10P
(10.5)
.413
(1.0) Typ
.039
(1.75) Typ
.069
(2.54) Typ
.100
(1.27) Typ
.050
12 4
C
8
CL
0 1
9
(10.0)
.394
(0.2)
.008
(3.8) Dia
.150
(10.0)
.394
012
EF
(10.0)
.394
(0.2)
.008
(3.8) Dia
.150
(10.0)
.394
(13.0)
.512
(3.9)
.154
(0.2) Typ
.008
(0.1) Typ
.004
C
1
2
4
8
(2.54) Typ
.100
(0.5) Typ
.020
Decimal
Hexadecimal
PACKAGING
Each stick-tube contains 50 switches.
Switches must be ordered in 50-piece increments.
S
Stick-Tube
(16.0)
.630
(16.4)
.646
(540.0)
21.260
(10.5) Typ
.413
(2.0) Typ
.079
Overall Dia (330.0)
13.0
(6.5) R
.256
Switches must be ordered in 500-piece increments.
This packaging meets EIA-481-2 Standard.
R
Tape-Reel
(24.4)
.961
(80.0) Dia
3.150
(30.4) Max
1.197
3ϒMax
(0.4)
.016
(10.0)
.394
(4.1)
.161
(4.6)
.181
(2.1) Typ
.083
(24.0)
.945
(1.75)
.069
(11.5)
.453
(16.0) Typ
.630
(2.0) Typ
.079
(4.0) Typ
.157
(1.5) Dia Typ
.059
Direction of Feed
0 1
9
(10.3) Typ
.406
(1.2) Typ
.047
Each tape-reel of 550 pockets contains 500 switches.
Minimum Leader Length: 15.748” (400mm)
Minimum Trailer Length:
6.299” (160mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com