Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA5921 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMA5921
Description  1.5 Watts Surface Mount Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMA5921 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMA5921 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMA5921 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMA5921 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMA5921 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SMA5921 THRU SMA5945
VOLTAGE 6.8V ~ 68V
1.5 Watts Surface Mount Zener Diode
JEDEC method (Note 2)
Electrical Characteristics
Symbol
Value
Unit
Note: (1) Mounted on 5.0mm2(.013mm thick) land areas.
(2) Measurd on 8.3ms, single half-sine wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
FEATURES
. For surface mounted applications
. 1.5 W power dissipation
. Low reverse current
. Ideally suited for automated assembly processes
. Epitaxial construction
MECHANICAL DATA
. Case: Molded plastic
. Epoxy: UL 94V-0 rate flame retardant
. Metallurgically bonded construction
. Polarity: Color band denotes cathode end
. Mounting position: Any
. Weight: 0.064 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C
O
ambient temperature unless otherwise specified.
Power Dissipation (Note 1)
PD
1.5
W
Half sine-wave superimposed on rated load
Operating junction and Storage Temperature
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2007 Rev. D
Page 1 of 4
IFSM
10
A
TJ, TSTG
-55 to +155
O
C
A
B
D
G
E
H
F
C
Dimensions in
Millimeters
Dimensions in
Inches
A
1.25
1.65
0.049
0.065
B
3.99
4.60
0.157
0.181
C
2.50
2.90
0.098
0.114
D
1.98
2.44
0.078
0.096
E
0.051
0.203
0.002
0.008
F
4.78
5.28
0.188
0.208
G
0.76
1.52
0.030
0.060
H
0.152
0.305
0.006
0.012
SM A
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SMA5921

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
SMA5921 JINGHENG-SMA5921 Datasheet
73Kb / 2P
1.5W SILICON PLANAR ZENER DIODES
logo
Dongguan City Niuhang E...
SMA5921A NIUHANG-SMA5921A Datasheet
512Kb / 3P
PLASTIC-ENCAPSULATE ZENER DIODE
logo
Shanghai Leiditech Elec...
SMA5921A LEIDITECH-SMA5921A Datasheet
612Kb / 3P
Surface Mount Silicon Zener Diodes
logo
Weitron Technology
SMA5921B WEITRON-SMA5921B Datasheet
416Kb / 3P
Surface Mount Zener Diodes
logo
PACELEADER INDUSTRIAL
SMA5921B PACELEADER-SMA5921B Datasheet
361Kb / 3P
SURFACE MOUNT ZENER TYPE
More results

Similar Description - SMA5921

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926_1 Datasheet
336Kb / 4P
1.5 Watts Surface Mount Silicon Zener Diode
logo
SeCoS Halbleitertechnol...
SMB5920B SECOS-SMB5920B Datasheet
238Kb / 3P
VOLTAGE 6.2 V ~ 200 V 1.5 Watts Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926_11 Datasheet
134Kb / 4P
1.5 Watts Surface Mount Silicon Zener Diodes
logo
First Components Intern...
1SMA5921B FCI-1SMA5921B Datasheet
1Mb / 3P
1.5 WATTS Surface Mount Zener Diode Polarity: cathode band
logo
Formosa MS
SMA5921B FORMOSA-SMA5921B Datasheet
990Kb / 3P
SURFACE MOUNT ZENER DIODES 1.5 WATTS
logo
SUNMATE electronic Co.,...
1SMA5913B SUNMATE-1SMA5913B Datasheet
325Kb / 2P
1.5 Watts Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
SMA59XXB SECOS-SMA59XXB_15 Datasheet
264Kb / 3P
1.5 Watts Surface Mount Zener Diode
SMB59XXB SECOS-SMB59XXB_15 Datasheet
238Kb / 3P
1.5 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
1.5 Watts Surface Mount Zener Diode
SMB59XXB SECOS-SMB59XXB Datasheet
238Kb / 3P
1.5 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com