Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA5921 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMA5921
Description  1.5 Watts Surface Mount Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMA5921 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMA5921 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMA5921 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMA5921 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMA5921 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SMA5921 THRU SMA5945
VOLTAGE 6.8V ~ 68V
1.5 Watts Surface Mount Zener Diode
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2007 Rev. D
Page 2 of 4
Surge
Part No.
Vz
IzT
ZZT
ZZK
IZK
Current
( V )
( mA )
(Ohm)
(Ohm)
( mA )
VR(V)
( mA )
SMA5921B
6.8
55.1
2.5
200
1.0
2.5
5.2
221
SMA5922B
7.5
50.0
3.0
400
0.5
2.5
6.0
200
SMA5923B
8.2
45.7
3.5
400
0.5
2.5
6.5
183
SMA5924B
9.1
41.2
4.0
500
0.5
2.5
7.0
165
SMA5925B
10
37.5
4.5
500
0.25
2.5
8.0
150
SMA5926B
11
34.1
5.5
550
0.25
2.5
8.4
136
SMA5927B
12
31.2
6.5
550
0.25
0.5
9.1
125
SMA5928B
13
28.8
7.0
550
0.25
0.5
9.9
115
SMA5929B
15
25.0
9.0
600
0.25
0.5
11.4
100
SMA5930B
16
23.4
10
600
0.25
0.5
12.2
94
SMA5931B
18
20.8
12
650
0.25
0.5
13.7
83
SMA5932B
20
18.7
14
650
0.25
0.5
15.2
75
SMA5933B
22
17.0
17.5
650
0.25
0.5
16.7
68
SMA5934B
24
15.6
19
700
0.25
0.5
18.2
63
SMA5935B
27
13.9
23
700
0.25
0.5
20.6
56
SMA5936B
30
12.5
26
750
0.25
0.5
22.8
50
SMA5937B
33
11.4
33
800
0.25
0.5
25.1
45
SMA5938B
36
10.4
38
850
0.25
0.5
27.4
42
SMA5939B
39
9.6
45
900
0.25
0.5
29.7
38
SMA5940B
43
8.7
53
950
0.25
0.5
32.7
35
SMA5941B
47
8.0
67
1000
0.25
0.5
35.8
32
SMA5942B
51
7.3
70
1100
0.25
0.5
38.8
29
SMA5943B
56
6.7
86
1300
0.25
0.5
42.6
27
SMA5944B
62
6.0
100
1500
0.25
0.5
47.1
24
SMA5945B
68
5.5
120
1700
0.25
0.5
51.7
22
Electrical Characteristic (Ta=25
oC)
IR(uA) Max.
Suffix "B" for 5% tolerance.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com