Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA5921 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SMA5921
Description  1.5 Watts Surface Mount Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMA5921 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SMA5921 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMA5921 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMA5921 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMA5921 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Elektronische Bauelemente
SMA5921 THRU SMA5945
VOLTAGE 6.8V ~ 68V
1.5 Watts Surface Mount Zener Diode
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2007 Rev. D
Page 4 of 4
200
100
70
50
30
20
10
7
5
3
2
5
7
10
20
30
50
70
100
10mA
20mA
RECT
O
ANGULAR NONREPETITIVE
WAVEFORM TJ = 25 C PRIOR T
INITIAL PULSE
O
1K
500
300
200
100
50
30
20
10
0.1 0.2 0.3 5
1
2 3 5
0 20
50 100
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
0
1
2
3
4
5
6
7
8
9 10
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
0
10 20 30 40 50 60 70 80 90 100
VZ, ZENER VOLTAGE (VOLTS)
VZ, ZENER VOLTAGE (VOLTS)
PW, PULSE WIDTH (ms)
VZ, ZENER VOLTAGE (VOLTS)
Fig 5. VZ = 6.8 THRU 10 VOLTS
Fig 6.VZ=12 THRU 82 VOLTS
Iz(dc) =1mA
Iz(ms) = 0.1Iz(dc)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com