Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD408 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD408
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD408 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSD408 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD408 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD408 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD408 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 4
Description
The SSD408 uses advanced trench technology to provide
Features
* Simple Drive Requirement
* Lower On-resistance
* Fast Switching Characteristic
excellent on-resistance and low gate charge.
TO-252
S
D
G
Elektronische Bauelemente
SSD408
18A, 30V,RDS(ON)18m
N-Channel Enhancement Mode Power Mos.FET
Ω
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
2.20
2.80
K
0
0.15
E
2.30 REF.
L
0.90
1.50
F
0.70
0.90
M
5.40
5.80
S
0.60
0.90
R
0.80
1.20
The TO-252 package is universally preferred for all commercial-industrial
surface mount applications and suited for use as a load switch or in
PWM applications.
RoHS Compliant Product
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current, VGS@10V
ID @TC=25 :
18
A
Continuous Drain Current, VGS@10V
ID @TC=100 :
14
A
Pulsed Drain Current1
IDM
70
A
Total Power Dissipation
PD @TC=25 :
60
W
Linear Derating Factor
0.4
W/ :
Single Pulse Avalanche Energy2
EAS
60
mJ
Single Pulse Avalanche Current
IAS
35
A
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +175
:
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-case
Max.
Rthj-c
2.5
: /W
Thermal Resistance Junction-ambient
Max.
Rthj-a
50
/
: W


Similar Part No. - SSD408

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD400S.B ETC2-SSD400S.B Datasheet
294Kb / 2P
ENTERPRISE SOLID-STATE DRIVES
logo
SeCoS Halbleitertechnol...
SSD40N03 SECOS-SSD40N03 Datasheet
1Mb / 5P
N-Channel Enhancement Mode Power Mos.FET
logo
SHENZHEN DOINGTER SEMIC...
SSD40N03 DOINGTER-SSD40N03 Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
SSD40N03 VBSEMI-SSD40N03 Datasheet
1,019Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSD40N03 SECOS-SSD40N03_15 Datasheet
1Mb / 5P
N-Channel EnhancementMode PowerMos.FET
More results

Similar Description - SSD408

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SGM161 SECOS-SGM161 Datasheet
546Kb / 5P
N-Channel Enhancement Mode Power Mos.FET
SGM2306 SECOS-SGM2306 Datasheet
486Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SGM2308 SECOS-SGM2308 Datasheet
379Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SGM2310 SECOS-SGM2310 Datasheet
508Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SID01L60 SECOS-SID01L60 Datasheet
710Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG138K SECOS-SMG138K Datasheet
307Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG2300 SECOS-SMG2300 Datasheet
472Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG2304 SECOS-SMG2304 Datasheet
454Kb / 5P
N-Channel Enhancement Mode Power Mos.FET
SMG2304A SECOS-SMG2304A Datasheet
455Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG3018K SECOS-SMG3018K Datasheet
719Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com