Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD408 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD408
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD408 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSD408 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD408 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD408 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD408 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 4
Elektronische Bauelemente
N-Channel Enhancement Mode Power Mos.FET
SSD408
18A, 30V,RDS(ON)18mΩ
Source Leakage Current(Tj=25 )
:
Electrical Characteristics (Tj = 25 :::: unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0, ID=250uA
Gate Threshold Voltage
VGS(th)
1.0
-
2.5
V
VDS=VGS, ID=250uA
Forward Transconductance
gfs
-
25
-
S
VDS=5V, ID=18A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±20V
Drain-Source Leakage Current(Tj=25 )
:
-
-
1
uA
VDS=30V, VGS=0
Drain-Source Leakage Current(Tj=55 )
:
IDSS
-
-
5
uA
VDS=24V, VGS=0
-
-
18
VGS=10V, ID=18A
Static Drain-Source On-Resistance3
RDS(ON)
-
-
27
m
VGS=4.5V, ID=10A
Total Gate Charge3
Qg
-
19.8
25
Gate-Source Charge
Qgs
-
2.5
-
Gate-Drain (“Miller”) Change
Qgd
-
3.5
-
nC
ID=18A
VDS=15V
VGS=10V
Turn-on Delay Time3
Td(on)
-
4.5
-
Rise Time
Tr
-
3.9
-
Turn-off Delay Time
Td(off)
-
17.4
-
Fall Time
Tf
-
3.2
-
ns
VDS=15V
VGS=10V
RG=3
RL=0.82
Input Capacitance
Ciss
-
1040
1250
Output Capacitance
Coss
-
180
-
Reverse Transfer Capacitance
Crss
-
110
-
pF
VGS=0V
VDS=15V
f=1.0MHz
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage3
VSD
-
-
1.0
V
IS=1A, VGS=0V
Continuous Source Current (Body Diode)
IS
-
-
18
A
Reverse Recovery Time3
Trr
-
19
-
ns
Reverse Recovery Charge
Qrr
-
8
-
nC
IS=18A, VGS=0V
dI/dt=100A/ s
Notes: 1. Pulse width limited by safe operating area.
2. Staring Tj=25 , V
:
DD=25V, L=0.1mH, RG=25 .
3. Pulse width 300us, duty cycle 2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com