Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD408 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD408
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD408 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SSD408 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD408 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD408 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD408 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
-Jun-2002 Rev. A
Page 4 of 4
01
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
N-Channel Enhancement Mode Power Mos.FET
SSD408
18A, 30V,RDS(ON)18mΩ
Fig 11. Normalized Maximum Transient Thermal Impedance
0.0001
0.001
0.1
1
10
1000
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com