Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSGSC34119 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSGSC34119
Description  Low Power Audio Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSGSC34119 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSGSC34119 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Elektronische Bauelemente
SSGSC34119
Low Power Audio Amplifier
01-June-2002 Rev. A
Page 2 of 9
MAXIMUM RATINGS
Parameter
Value
Units
Supply Voltage
-1.0 to +18
VDC
Maximum Output Current at VO1 and VO2
±250
mA
Maximum Voltage @ Vin, FC1, FC2, CD
Applied Output Voltage to VO1, VO2 when disabled
-1.0, VCC+ 1.0
-1.0, VCC+ 1.0
VDC
Junction Temperature
-55, +140
°C
Note: ESD data available upon request.
RECOMMENDED OPERATING CONDITIONS
Characteristics
Symbol
Min
Max
Units
Supply Voltage
Voltage @ CD (Pin 1)
VCC
VCD
+2.0
0
+16
VCC
VDC
Load Impedance
RL
8.0
-
Ω
Peak Load Current
IL
-
±200
mA
Differential Gain (5.0 kHz Bandwidth)
AVD
0
46
dB
Ambient Temperature
TA
-20
+70
°C
ELECTRICAL CHARACTERISTICS (T
A=25 °C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Amplifiers (AC Characteristics)
AC Input Resistance
Ri
@ Vin
-
> 30
-
M
Ω
Open Loop Gain
AVOL1
Amplifier #1, f < 100Hz
80
-
-
dB
Close Loop Gain
AV2
Amplifier #2, VCC = 6V, f = kHz, RL = 32Ω
-0.35
0
+0.35
dB
Gain Bandwidth Product
GBW
-
-
1.5
-
MHz
Output Power
Pout3
Pout6
Pout12
VCC = 3V, RL= 16Ω, THD ≦ 10 %
VCC = 6V, RL= 32Ω, THD ≦ 10 %
VCC = 12V, RL= 100Ω, THD ≦10 %
55
250
400
-
-
-
-
-
-
mW
Total Harmonic Distortion (f = 1 kHz)
THD
VCC = 6V, RL= 32Ω, Pout = 125 mW
VCC ≧ 3V, RL= 8Ω, Pout = 20 mW
VCC ≧ 12V, RL= 32Ω, Pout = 200 mW
-
-
-
0.5
0.5
0.6
1.0
-
-
%
Power Supply Rejection
(VCC = 6V, ΔVCC = 3V)
PSRR
C1 = ∞ , C2 = 0.0
μF
C1 = 0.1
μF, C2 = 0, f = 1 kHz
C1 = 1.0
μF, C2 = 5.0 μf , f = 1 kHz
50
-
-
-
12
52
-
-
-
dB
Differential Muting
GMT
VCC = 6V, 1 kHz ≦ f ≦ 20 kHz, CD = 2V
-
>70
-
dB
Amplifiers (DC Characteristics)
Output DC Level
VO(3)
VO(6)
VO(12)
VO1, VO2, VCC = 3V, RL = 16Ω (Rf=75k)
VCC = 6V
VCC = 12V
1.0
-
-
1.15
2.65
5.65
1.25
-
-
VDC
Output Level
VOH
VOL
High Iout = -75mA, 2V≦VCC≦16V
Low Iout = 75mA, 2V≦VCC≦16V
-
-
VCC-1
0.16
-
-
VDC
Output DC Offset Voltage
(VO1 – VO2)
ΔV
O
VCC = 6V, Rf = 75kΩ, RL = 32Ω
-30
0
+30
mV
Input Bias Current
IIB
Vin(VCC=6V)
-
-100
-200
nA
Equivalent Resistance
RFC1
RFC2
FC1 (VCC = 6V)
FC2 (VCC = 6V)
100
18
150
25
220
40
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com