Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSGSC34119 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSGSC34119
Description  Low Power Audio Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSGSC34119 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSGSC34119 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Elektronische Bauelemente
SSGSC34119
Low Power Audio Amplifier
01-June-2002 Rev. A
Page 1 of 9
DESCRIPTION
The SGSC34119 is a low power audio amplifier integrated circuit intended (primarily) for telephone applications, such as
in speakerphones. It provides differential speaker outputs to maximize output swing at low supply voltages (2.0V
minimum). Coupling capacitors to the speaker are not required. Open loop gain is 80 dB, and the closed loop gain is set
with two external resistors. A Chip Disable pin permits powering down and/or muting the input signal.
FEATURES
Wide Operating Supply Voltage Range (2.0V to 16V),
allows Telephone Line Powered Applications
Low Quiescent Supply Current (2.7mA Typ) for Battery Powered Applications
Chip Disable Input to Power Down the IC
Low Power-Down Quiescent Current (65µA Typ)
Drives a Wide Range of Speaker Loads (8.0
Ω and Up)
Output Power Exceeds 250 mW with 32
Ω Speaker
Low Total Harmonic Distortion (0.5% Typ)
Gain Adjustable from <0 dB to >46 dB for Voice Band
Requires Few External Components
PACKAGE DIMENSIONS
BLOCK DIAGRAM AND SIMPLIFIED APPLICATION & PIN CONFIGURATION
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0
8
J
0.375 REF.
E
0.40
0.90
K
45
F
0.19
0.25
G
1.27 TYP.


Similar Part No. - SSGSC34119

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
Subminiature Basic Switch
logo
Mercury United Electron...
SSG MERCURY-SSG Datasheet
134Kb / 1P
32.768 KHz Surface Mount Crystal
logo
Surge Components
SSG SURGE-SSG Datasheet
482Kb / 1P
rohs compliance
logo
Omron Electronics LLC
SSG-01H OMRON-SSG-01H Datasheet
765Kb / 10P
Subminiature Basic Switch
SSG-01H-5 OMRON-SSG-01H-5 Datasheet
765Kb / 10P
Subminiature Basic Switch
More results

Similar Description - SSGSC34119

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34119 UTC-UTCMC34119 Datasheet
86Kb / 4P
LOW POWER AUDIO AMPLIFIER
logo
System Logic Semiconduc...
SL34119 SLS-SL34119 Datasheet
75Kb / 6P
Low Power Audio Amplifier
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
492Kb / 11P
Low Power Audio Amplifier
logo
Wuxi Youda electronics ...
YD8602 YOUDA-YD8602 Datasheet
80Kb / 5P
LOW POWER AUDIO AMPLIFIER
logo
List of Unclassifed Man...
GP34119 ETC2-GP34119 Datasheet
551Kb / 8P
LOW POWER AUDIO AMPLIFIER
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119_07 Datasheet
744Kb / 13P
Low Power Audio Amplifier
logo
SeCoS Halbleitertechnol...
SPW34119D SECOS-SPW34119D Datasheet
1Mb / 9P
Low Power Audio Amplifier
logo
Freescale Semiconductor...
MC34119P FREESCALE-MC34119P Datasheet
271Kb / 12P
Low Power Audio Amplifier
MC34119DTBR2 FREESCALE-MC34119DTBR2 Datasheet
271Kb / 12P
LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGP34119 SECOS-SGP34119 Datasheet
1Mb / 9P
Low Power Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com