Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSGSC34119 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SSGSC34119
Description  Low Power Audio Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSGSC34119 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SSGSC34119 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Elektronische Bauelemente
SSGSC34119
Low Power Audio Amplifier
01-June-2002 Rev. A
Page 3 of 9
ELECTRICAL CHARACTERISTICS (Cont’d)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Chip Disable (Pin1)
Input Voltage
VIL
VIH
Low
High
-
2.0
-
0.8
-
VDC
Input Resistance
RCD
VCC = VCD = 16V
50
90
175
k
Ω
Power Supply
Power Supply Current
ICC3
ICC16
ICCD
VCC = 3V, RL = ∞ , CD = 0.8V
VCC = 16V, RL = ∞ , CD = 0.8V
VCC = 3V, RL = ∞ , CD = 2.0V
-
-
-
2.7
3.3
65
4.0
5.0
100
mA
mA
μA
Note: Currents into a pin are positive; currents out of a pin are negative.
PIN FUNCTION DESCRIPTION
Symbol
Pin
Description
CD
1
Chip Disable-Digital input. A Logic “0” (<0.8V) sets normal operation. A Logic “1” (≧2V) sets the
power down mode. Input impedance is nominally 90k
Ω.
FC2
2
A capacitor at this pin increases power supply rejection, and affects turn-on time. This pin can be
left open if the capacitor at FC1 is sufficient.
FC1
3
Analog ground for the amplifiers. A 1.0
μF capacitor at this pin (with a 5.0μF capacitor at Pin 2)
provides (typically) 52dB of power supply rejection. Turn-on time of the circuit is affected by the
capacitor on this pin. This pin can be used as an alternate input.
Vin
4
Amplifier input. This input capacitor and resistor set low frequency roll-off and input impedance.
The feedback resistor is connected to this pin and VO1.
VO1
5
Amplifier Output #1. The dc level is
≈ (VCC – 0.7)/2.
VCC
6
DC supply voltage (+2V to +16V) is applied to this pin.
GND
7
Ground pin for the entire circuit.
VO2
8
Amplifier Output #2. This signal is equal in amplitude, but 180° out-of-phase with that at VO1. The
dc level is
≈ (VCC – 0.7)/2.
TYPICAL TEMPERATURE PERFORMANCE (-20°C < T
A < + 70°C)
Function
Typical Change
Units
Input Bias Current (@Vin)
±40
pA/°C
Total Harmonic Distortion (VCC = 6V, RL =
32
Ω, P
out = 125 mW, f = kHz)
+0.003
%/°C
Power Supply Current
(VCC = 3V, RL = ∞ , CD = 0V)
(VCC = 3V, RL = ∞ , CD = 2V)
-0.25
-0.03
μA/°C
Design Guidelines
General
The SGSC34119 is a low power audio amplifier capable of low voltage operation (VCC = 2.0 V minimum) such as that
encountered in line-powered speakerphones. The circuit provides a differential output (VO1-VO2) to the speaker to
maximize the available voltage swing at low voltages. The differential gain is set by two external resistors. Pins FC1 and
FC2 allow controlling the amount of power supply and noise rejection, as well as providing alternate inputs to the
amplifiers. The CD pin permits powering down the IC for muting purposes and to conserve power.
Amplifiers
Referring to the block diagram, the internal configuration consists of two identical operational amplifiers. Amplifier # 1
has an open loop gain of ≧ 80 dB (at f ≦ 100 Hz), and the closed loop gain is set by external resistor Rf and Ri. The
amplifier is unity gain stable, and has a unity gain frequency of approximately 1.5 MHz. In order to adequately cover the
telephone voice band (300 Hz to 3400 Hz), a maximum closed loop gain of 46 is recommended. Amplifier #2 is
internally set to a gain of -1.0(0dB).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com