Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL34119 Datasheet (PDF) - System Logic Semiconductor

SL34119 Datasheet PDF - System Logic Semiconductor
Part # SL34119
Download  SL34119 Download
File Size   75.47 Kbytes
Page   6 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Low Power Audio Amplifier

SL34119 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL34119 Datasheet PDF - System Logic Semiconductor

Part # SL34119
Download  SL34119 Click to download

File Size   75.47 Kbytes
Page   6 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Low Power Audio Amplifier

SL34119 Datasheet (HTML) - System Logic Semiconductor


SL34119 Product details

The SL34119 is a low power audio amplifier integrated circuit intended (primarily) for telephone applications, such as in speakerphones. It provides differential speaker outputs to maximize output swing at low supply voltages (2.0 volts minimum). Coupling capacitors to the speaker are not required. Open loop gain is 80 dB, and the closed loop gain is set with two external resistors. A Chip Disable pin permits powering down and/or muting the input signal. The SL34119 is available in a standard 8 pin DIP or a surface mount package.

● Wide Operating Supply Voltage Range (2-16 Volts) - Allows Telephone Line Powered Applications
● Low Quiescent Supply Current for Battery Powered Applications
● Chip Disable Input to Power Down the IC
● Low Power Down Quiescent Current
● Drives a Wide Range of Speaker Loads (8-100W)
● Output Power Exceeds 250 mW with 32W Speaker
● Low Total Harmonic Distortion
● Gain Adjustable from <0 dB to >46 dB for Voice Band
● Requires Few External Components




Similar Part No. - SL34119

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
Voice Switched Speakerphone Circuit
SL34118D SLS-SL34118D Datasheet
136Kb / 12P
Voice Switched Speakerphone Circuit
SL34118N SLS-SL34118N Datasheet
136Kb / 12P
Voice Switched Speakerphone Circuit
More results


Similar Description - SL34119

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34119 UTC-UTCMC34119 Datasheet
86Kb / 4P
LOW POWER AUDIO AMPLIFIER
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
492Kb / 11P
Low Power Audio Amplifier
logo
Wuxi Youda electronics ...
YD8602 YOUDA-YD8602 Datasheet
80Kb / 5P
LOW POWER AUDIO AMPLIFIER
logo
List of Unclassifed Man...
GP34119 ETC2-GP34119 Datasheet
551Kb / 8P
LOW POWER AUDIO AMPLIFIER
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119_07 Datasheet
744Kb / 13P
Low Power Audio Amplifier
logo
SeCoS Halbleitertechnol...
SPW34119D SECOS-SPW34119D Datasheet
1Mb / 9P
Low Power Audio Amplifier
SSGSC34119 SECOS-SSGSC34119 Datasheet
1Mb / 9P
Low Power Audio Amplifier
logo
Freescale Semiconductor...
MC34119P FREESCALE-MC34119P Datasheet
271Kb / 12P
Low Power Audio Amplifier
MC34119DTBR2 FREESCALE-MC34119DTBR2 Datasheet
271Kb / 12P
LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGP34119 SECOS-SGP34119 Datasheet
1Mb / 9P
Low Power Audio Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com