Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL34119 Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL34119
Description  Low Power Audio Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL34119 Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL34119 Datasheet HTML 1Page - System Logic Semiconductor SL34119 Datasheet HTML 2Page - System Logic Semiconductor SL34119 Datasheet HTML 3Page - System Logic Semiconductor SL34119 Datasheet HTML 4Page - System Logic Semiconductor SL34119 Datasheet HTML 5Page - System Logic Semiconductor SL34119 Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SL34119
System Logic
Semiconductor
SLS
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
2.0
16
V
RL
Load Impedance
8.0
100
Ω
IL
Peak Load Current
-
200
mA
AVD
Differential Gain (5.0 KHz bandwidth)
0
46
dB
VCD
Voltage @ CD (Pin 1)
0
VCC
V
TA
Operating Temperature, All Pakage Types
-10
+70
°C
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated
voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range
GND
≤(V
IN or VOUT)
≤V
CC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC).
Unused outputs must be left open.
ELECTRICAL CHARACTERISTICS(T
A = -10 to +70
°C, V
CD = 0 V)
Symbol
Parameter
Test Conditions
Guaranteed
Limits
Unit
Min
Max
AMPLIFIERS (DC CHARACTERISTICS)
VO
Output DC Level (VO1, VO2)
VCC =3.0 V, RL =16
Ω
Rf = 75 K
Ω
0.75
1.75
V
VOH
Output High Level
IOUT = -75 mA, VCC = 2.0 V
0.5
-
V
VOL
Output Low Level
IOUT = 75 mA,
2.0 V
≤ V
CC
≤ 16 V
-
0.55
V
∆V
O
Output DC Offset Voltage
(VO1-VO2)
VCC =6.0 V, RL =32
Ω
Rf = 75 k
Ω
-200
200
mV
IIB
Input Bias Current @ VIN
VCC =6.0 V
-
1600
nA
RFC1
Equivalent Resistance @ FC1
VCC = 6.0 V
100
220
K
Ω
RFC2
Equivalent Resistance @ FC2
VCC = 6.0 V
18
40
K
Ω
VIH
Minimum High-Level Input
Voltage
2.0
-
V
VIL
Maximum Low-Level Input
Voltage
-
0.8
V
RCD
Input Resistance
VCC = VCD = 16 V
50*
175*
K
Ω
(continued)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com