Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL34119 Datasheet(PDF) 2 Page - System Logic Semiconductor

Part # SL34119
Description  Low Power Audio Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL34119 Datasheet(HTML) 2 Page - System Logic Semiconductor

  SL34119 Datasheet HTML 1Page - System Logic Semiconductor SL34119 Datasheet HTML 2Page - System Logic Semiconductor SL34119 Datasheet HTML 3Page - System Logic Semiconductor SL34119 Datasheet HTML 4Page - System Logic Semiconductor SL34119 Datasheet HTML 5Page - System Logic Semiconductor SL34119 Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SL34119
System Logic
Semiconductor
SLS
PIN DESCRIPTION
Pin
Symbol
Description
1
CD
Chip Disable - Digital input. A Logic “0” (<0.8 V) sets normal operation. A Logic “1”
(
≥2.0 V) sets the power down mode. Input impedance is nominally 90 KΩ.
2
FC2
A capacitor at this pin increases power supply rejection, and affects turn -on time. This
pin can be left open if the capacitor at FC1 is sufficient.
3
FC1
Analog Ground for the amplifiers. A 1.0
µF capacitor at this pin (with a 5.0 µF capacitor
at Pin 2) provides 52 dB of power supply rejection. Turn-on time of the circuit is
affected by the capacitor on this pin. This pin can be used as an alternate input.
4
VIN
Amplifier input. The input capacitor and resistor set low frequency rolloff and input
impedance. The feedback resistor is connected to this pin and VO1.
5
VO1
Amplifier Output #1. The dc level is
≈ (V
CC - 0.7 V)/2.
6
VCC
DC supply voltage (+2.0 to +16 Volts) is applied to this pin.
7
GND
Ground pin for the entire circuit.
8
VO2
Amplifier Output #2. This signal is equal in amplitude, but 180
° out of phase with that
at VO1. The dc level is
≈ (V
CC - 0.7 V)/2.
DESIGN GUIDELINES
GENERAL
The SL34119 is a low power audio amplifier
capable
of
low
voltage
operation
(VCC = 2.0 V
minimum) such as that encountered in line-powered
speakerphones. The circuit provides a differential
output (VO1-VO2) to the speaker to maximize the
available voltage swing at low voltages. The
differential gain is set by two external resistors. Pins
FC1 and FC2 allow controlling the amount of power
supply and noise rejection, as well as providing
alternate inputs to the amplifiers. The CD pin permits
powering down the IC for muting purposes and to
conserve power.
AMPLIFIERS
Referring to the block diagram, the internal
configuration consists of two identical operational
amplifiers. Amplifier #1 has an open-loop gain of
≥80 dB (at f ≤ 100 Hz), and the closed loop gain is set
by external resistors Rf and Ri. The amplifier is unity
gain stable, and has a unity gain frequency of
approximately 1.5 MHz. In order to adequately cover
the telephone voice band (300-340 Hz), a maximum
closed loop gain of 46 dB is recommended. Amplifier
#2 is internally set to a gain of -1.0 (0 dB).
The outputs of both amplifiers are capable of
sourcing and sinking a peak current of 200 mA. The
outputs can typically swing to within
≈0.4 volts
above ground, and to within
≈1.3 volts below V
CC, at
the maximum current. The output dc offset voltage
(VO1-VO2) is primarily a function of the feedback
resistor (Rf), and secondarily due to the amplifiers’
input offset voltages. The input offset voltage of the
two amplifiers will generally be similar for a particular
IC, and therefore nearly cancel each other at the
outputs. Amplifier #1’s bias current, however, flows
out of VIN (Pin 4) and through Rf, forcing VO1 to shift
negative by an amount equal to [Rf x IIB]. VO2 is
shifted positive an equal amount. The output offset
voltage specified in the Electrical Characteristics is
measured with the feedback resistor shown in the
Simplified Block Diagram, and therefore takes into
account the bias current as well as internal offset
voltages of the amplifiers. The bias current is
constant with respect to VCC.
FC1 and FC2
Power supply rejection is provided by the
capacitors (C1 and C2 in the Simplified Block
Diagram) at FC1 and FC2. C2 is somewhat dominant at
low frequencies, while C1 is dominant at high
frequencies. The reguired values of C1 and C2
depend on the conditions of each application. A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com