Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL34119 Datasheet(PDF) 5 Page - System Logic Semiconductor

Part # SL34119
Description  Low Power Audio Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL34119 Datasheet(HTML) 5 Page - System Logic Semiconductor

  SL34119 Datasheet HTML 1Page - System Logic Semiconductor SL34119 Datasheet HTML 2Page - System Logic Semiconductor SL34119 Datasheet HTML 3Page - System Logic Semiconductor SL34119 Datasheet HTML 4Page - System Logic Semiconductor SL34119 Datasheet HTML 5Page - System Logic Semiconductor SL34119 Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SL34119
System Logic
Semiconductor
SLS
ELECTRICAL CHARACTERISTICS(T
A = -10 to +70
°C, V
CD = 0 V)
Symbol
Parameter
Test Conditions
Guaranteed
Limits
Unit
Min
Max
AMPLIFIERS (AC CHARACTERISTICS)
ri
AC Input Resistance (VIN)
22.5
-
M
Ω
AVOL1
Open Loop Gain (Amplifier #1)
f = 100 Hz, VCC = 6.0 V,
VFC2 = 2.65 V
60
-
dB
AV2
Closed Loop Gain (Amplifier
#2)
f = 1.0 KHz, VCC = 6.0 V,
RL=32
Ω
-0.35
+0.35
dB
GBW
Gain Bandwidth Product
1.125
-
MHz
POUT3
POUT12
Output Power
VCC = 3.0 V, RL = 16
Ω,
THD
≤ 10%, V
FC2 = 1.15 V
VCC = 12.0 V, RL = 100
Ω,
THD
≤ 10%, V
FC2=12 V
55
400*
-
-
mW
THD
Total Harmonic Distortion
VCC = 6.0 V, RL = 32
Ω,
f = 1.0 KHz, POUT = 125 mW
-
5.0
%
PSRR
Power Supply Rejection
VCC = 6.0 V,
∆V
CC = 3.0 V,
C1 =
∞, C2 = 0.01 µF
35
-
dB
GMT
Muting
VCC = 6.0 V, f = 1.0 kHz,
CD = 2.0 V
50
-
dB
POWER SUPPLY
ICC1
ICC2
Maximum Power Supply
Current
VCC =3.0 V, RL =
∞,CD=0.8V
VCC =3.0 V, RL =
∞,CD=2.0V
-
-
5.0
125
mA
µA
* @25
°C
Figure 1. POWER SUPPLY CURRENT
Figure 2. DEVICE DISSIPATION
8.0
Ω LOAD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com