Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMM55C2V0 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # ZMM55C2V0
Description  Surface Mount Zener Dio de
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

ZMM55C2V0 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  ZMM55C2V0 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH ZMM55C2V0 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Zener Diode
ZMM55C Series
Electrical Characteristics (TA = 25 ℃ unless otherwise specified)
Zener Voltage Range (Note 2)
VZ
Maximum
Zener Impedance (Note 3)
Maximum
Reverse Current
(Note 2)
Min
Nom
Max
@IZT
ZZT@IZT
ZZK@IZK
IR @ VR
Temperature
Coefficient of
Zener Voltage
@ IZT = 5 mA
mV /
℃
Type
Number
V
V
V
mA
Ω
Ω
mA
V
Min
Max
ZMM55C2V4
2.2
2.4
2.6
5
85
600
1.0
50
50
50
1.0
-3.5
0
0
ZMM55C2V7
ZMM55C2V0
ZMM55C2V2
2.5
2.7
2.9
1.9
2.0
2.1
2.1
2.2
2.3
5
5
5
85
100
100
600
600
600
1.0
1.0
1.0
10
1.0
1.0
1.0
-3.5
0
-3.5
-3.5
0
ZMM55C3V0
2.8
3.0
3.2
5
85
600
1.0
4
1.0
-3.5
0
ZMM55C3V3
3.1
3.3
3.5
5
85
600
1.0
2
1.0
-3.5
0
ZMM55C3V6
3.4
3.6
3.8
5
85
600
1.0
2
1.0
-3.5
0
ZMM55C3V9
3.7
3.9
4.1
5
85
600
1.0
2
1.0
-3.5
0
ZMM55C4V3
4.0
4.3
4.6
5
75
600
1.0
1
1.0
-3.5
0
ZMM55C4V7
4.4
4.7
5.0
5
60
600
1.0
0.5
1.0
-3.5
0.2
ZMM55C5V1
4.8
5.1
5.4
5
35
550
1.0
0.1
1.0
-2.7
1.2
ZMM55C5V6
5.2
5.6
6.0
5
25
450
1.0
-2.0
2.5
ZMM55C6V2
5.8
6.2
6.6
5
10
200
1.0
0.1
2.0
0.4
3.7
ZMM55C6V8
6.4
6.8
7.2
5
8
150
1.0
0.1
3.0
1.2
4.5
ZMM55C7V5
7.0
7.5
7.9
5
7
50
1.0
0.1
5.0
2.5
5.3
ZMM55C8V2
7.7
8.2
8.7
5
7
50
1.0
0.1
6.0
3.2
6.2
ZMM55C9V1
8.5
9.1
9.6
5
10
50
1.0
7.0
3.8
7.0
ZMM55C10
9.4
10
10.6
5
15
70
1.0
7.5
4.5
8.0
10.4
5
20
70
1.0
8.5
5.4
9.0
ZMM55C12
12
12.7
5
20
90
1.0
0.1
6.0
10.0
ZMM55C13
12.4
13
14.1
5
26
110
1.0
0.1
10
7.0
11.0
ZMM55C15
13.8
15
15.8
5
30
110
1.0
0.1
11
9.2
13.0
ZMM55C16
15.3
16
17.1
5
40
170
1.0
0.1
12
10.4
14.0
ZMM55C18
16.8
18
19.1
5
50
170
1.0
0.1
14
12.4
16.0
ZMM55C20
18.8
20
21.2
5
55
220
1.0
15
14.4
18.0
ZMM55C22
20.8
22
23.3
5
55
220
1.0
0.1
17
16.4
20.0
ZMM55C24
22.8
24
25.6
5
80
220
1.0
0.1
18
18.4
22.0
ZMM55C27
25.1
27
28.9
5
80
220
0.1
20
21.4
25.3
ZMM55C30
28
30
32.0
5
80
220
0.1
22
24.4
29.4
ZMM55C33
31
33
35.0
5
80
220
1.0
24
27.4
33.4
ZMM55C36
34
36
38.0
5
80
220
27
30.4
37.4
ZMM55C39
37
39
41.0
2.5
90
500
30
33.4
41.2
ZMM55C43
40
43
46.0
2.5
90
600
1.0
33
10.0
12.0
ZMM55C47
44
47
50.0
700
1.0
36
10.0
12.0
ZMM55C51
ZMM55C56
48
51
54.0
2.5
2.5
750
1.0
38
10.0
12.0
10.0
12.0
μA
μ
9.0
1.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
1.0
1.0
1.0
1.0
110
100
52
56
60.0
1000
1.0
42
0.1
135
2.5
11.6
11
11.4
500mW
ZMM55C11
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Standard Voltage Tolerance is ± 5 % and :
Suffix “A” for ± 1 %
Suffix “B” for ± 2 %
Suffix “C” for ± 5 %
Suffix “D” for ± 20 %
Measured with Pulses Tp=40m Sec
21-Aug-2007 Rev.B
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - ZMM55C2V0

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
ZMM55C2V0 YANGJIE-ZMM55C2V0 Datasheet
173Kb / 5P
Zener Diodes
More results

Similar Description - ZMM55C2V0

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CMBD914 RECTRON-CMBD914 Datasheet
17Kb / 1P
SURFACE MOUNT ZENER DIODE?
logo
Shanghai Lunsure Electr...
BZX84C CHENYI-BZX84C Datasheet
22Kb / 1P
SURFACE MOUNT ZENER DIODES
logo
Diodes Incorporated
BZT52C2V4 DIODES-BZT52C2V4 Datasheet
73Kb / 3P
SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
Comchip Technology
CZRA4740 COMCHIP-CZRA4740 Datasheet
86Kb / 4P
SURFACE MOUNT ZENER DIODE
CZRT55C2V4-G COMCHIP-CZRT55C2V4-G Datasheet
101Kb / 4P
Surface Mount Zener Diodes
CZRW5221B-G COMCHIP-CZRW5221B-G Datasheet
94Kb / 4P
Surface Mount Zener Diodes
logo
Protek Devices
PLC03-6 PROTEC-PLC03-6_12 Datasheet
596Kb / 7P
HIGH POWER steeri ng dio de/TVS ARRAY
logo
Shanghai Leiditech Elec...
LESD5L5.0CT1G LEIDITECH-LESD5L5.0CT1G Datasheet
1Mb / 3P
1-Line Bi - directional TVS Dio de
Rev : 01.09.2021
NUP2105LT1G LEIDITECH-NUP2105LT1G Datasheet
688Kb / 4P
2-Line Bi-directional ESD Dio de
Rev : 01.08.2021
PESD2ETH100-T LEIDITECH-PESD2ETH100-T Datasheet
2Mb / 4P
2-Line Bi-directional TVS Dio de Array
Rev : 01.08.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com