Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS4448 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # LS4448
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

LS4448 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  LS4448 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. LS4448 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. LS4448 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 12/01/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Admissible power dissipation
versus ambient temperature
Valid provided that leads at a distance of 8 mm from case
are kept at ambient temperature
400
300
200
100
0
100
200 C
Ptot
Tamb
LL 4448
o
mW
VF
10 -1
1
10
2
10
3
10
LL 4448
i F
Forward characteristics
5
10 4
2
5
2
2
10
10
LL 4448
rf
Tj=25 C
f=1KHz
-2
10
02 V
10 3
5
2
5
2
1
-2
10
-1
10
1
10
10 mA
2
IF
0
500
600
700
800
900
1000
0.7
0.8
0
VR
6
010 V
1.1
1.0
0.9
Ctot(VR)
Ctot(0V)
LL 4448
Relative capacitance
versus reverse voltage
24
8
Dynamic forward resistance
versus forward current
o
Tj=25 C
o
Tj=100 C
o
1
Tj=25 C
f=1MHz
o
mA
LS4448



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com