Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS4448 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # LS4448
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

LS4448 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  LS4448 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. LS4448 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. LS4448 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 12/01/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
LS4448
SILICON EPITAXIAL PLANAR DIODE
fast switching diode in QuadroMELF case especially
suited for automatic surface mounting.
Identical electrically to standard JEDEC 1N4448.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRM
100
V
Reverse Voltage
VR
75
V
Rectified Current (Average)
Half Wave Rectification with Resist. Load (f ≥ 50 Hz)
IO
150
1)
mA
Surge Forward Current at t < 1 s and Tj = 25 OC
IFSM
500
mA
Power Dissipation
Ptot
500
1)
mW
Junction Temperature
Tj
175
O
C
Storage Temperature Range
TS
- 65 to + 175
O
C
1) Valid provided that electrodes are kept at ambient temperature.
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 5 mA
at IF = 100 mA
VF
0.62
-
0.72
1
V
Leakage Current
at VR = 20 V
at VR = 75 V
IR
-
-
25
5
nA
µA
Reverse Breakdown Voltage
tested with 100 µA Pulses
V(BR)R
100
-
V
Capacitance
at VF = VR = 0
Ctot
-
4
pF
Reverse Recovery Time
from IF = 10 mA to IR = 1 mA, VR = 6 V, RL = 100 Ω
trr
-
4
ns
Thermal Resistance Junction to Ambient Air
RthA
-
0.35
1)
K/mW
Rectification Efficiency
at f = 100 MHz, VRF = 2 V
ηv
0.45
-
-
1) Valid provided that electrodes are kept at ambient temperature.
LS-34
QuadroMELF
Dimensions in mm


Similar Part No. - LS4448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LS4448 VISHAY-LS4448 Datasheet
56Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Diotec Semiconductor
LS4448 DIOTEC-LS4448 Datasheet
103Kb / 2P
Surface Mount Small Signal Diodes
logo
Taiwan Semiconductor Co...
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
Vishay Siliconix
LS4448 VISHAY-LS4448 Datasheet
195Kb / 5P
Small Signal Fast Switching Diodes
04-May-07
logo
GOOD-ARK Electronics
LS4448 GOOD-ARK-LS4448 Datasheet
119Kb / 2P
Fast Switching Diode
More results

Similar Description - LS4448

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com